Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF32 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XF32
Description  High Performance CMOS Oscillator with Frequency Margining ??Pin Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF32 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XF32_11 Datasheet HTML 2Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 3Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 4Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 5Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 6Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 7Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 8Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 9Page - Cypress Semiconductor CY2XF32_11 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY2XF32
Document Number: 001-53147 Rev. *D
Page 6 of 10
Switching Waveforms
Figure 2. Duty Cycle Timing
Figure 3. Output Rise and Fall Time
Figure 4. Output Enable and Disable Timing
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK
20%
80%
TR
TF
20%
80%
VDD
0V
OE
CLK
High Impedance
TOHZ
TOE
VIL
VIH
[+] Feedback


Similar Part No. - CY2XF32_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32LXCxxxT CYPRESS-CY2XF32LXCxxxT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2XF32_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
logo
Analog Devices
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com