Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSLD12MNK Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # JSLD12MNK
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JSLD12MNK Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  JSLD12MNK Datasheet HTML 1Page - Fujitsu Component Limited. JSLD12MNK Datasheet HTML 2Page - Fujitsu Component Limited. JSLD12MNK Datasheet HTML 3Page - Fujitsu Component Limited. JSLD12MNK Datasheet HTML 4Page - Fujitsu Component Limited. JSLD12MNK Datasheet HTML 5Page - Fujitsu Component Limited. JSLD12MNK Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FTR-K1 SERIES
1. General Information
l
AllsignalandpowerrelaysproducedbyFujitsuComponentsarecompliantwithRoHSdirective2002/95ECincluding
amendments.
l
CadmiumasusedinelectricalcontactsisexemptedfromtheRoHSdirectivesonOctober21st,2005.
(AmendmenttoDirective2002/95/EC)
l
Allofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfoforolderdatecodes
at:http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf
l
LeadfreesolderplatingonrelayterminalsisSn-3.0Ag-0.5Cu,unlessotherwisespecified.
ThismaterialhasbeenverifiedtobecompatiblewithPbSnassemblyprocess.
2. Recommended Lead Free Solder Profile
l
Recommended solder Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrelays,unlessotherwiseindicated.
4. Tin Whiskers
l
DippedSnAgCusolderisknownaspresentingalowrisktotinwhiskerdevelopment.Noconsiderablelength
whiskerwasfoundbyourinhousetest.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum120˚C
Soldering:
dipwithin5sec.at
260˚Csolderbath
JSL SERIES
Solder by Soldering Iron:
Soldering Iron
Temperature:
maximum360˚C
Duration:
maximum3sec.


Similar Part No. - JSLD12MNK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSLD12MN-K FUJITSU-JSLD12MN-K Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results

Similar Description - JSLD12MNK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com