Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89R118C Datasheet(PDF) 45 Page - Fujitsu Component Limited.

Part # MB89R118C
Description  ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89R118C Datasheet(HTML) 45 Page - Fujitsu Component Limited.

Back Button MB89R118C Datasheet HTML 40Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 41Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 42Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 43Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 44Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 45Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 46Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 47Page - Fujitsu Component Limited. MB89R118C Datasheet HTML 48Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
MB89R118C
DS411-00001-1v0-E
45
■ SHIPPING METHOD AND RECOMMENDED ASSEMBLY CONDITIONS
• Shipping method
The following shows shipping method and ordering information for the MB89R118C. Please inquire sepa-
rately for the details.
• Recommended assembly conditions
The MB89R118C is recommended to be mounted in the following condition to maintain the data retention
characteristics of the FRAM memory when the chip is mounted.
- Mounting temperature of
+ 175 °C or lower, and 120 minutes or shorter when applied at high temperature, or
- Mounting temperature of
+ 200 °C or lower, and 60 seconds or shorter when applied at high temperature
Part no.
Input capacitance Wafer thickness Chip dicing
Bump
Shipped form
MB89R118C1-DI15
24 pF
150
μm ±
25.4
μm
Completed
Au Plating
or
Au Ball
Wafer
(with Frame)
MB89R118C2-DI15
96 pF
+175
+25
120
+200
+25
60
Time [min]
Time [s]


Similar Part No. - MB89R118C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118A-DI15 FUJITSU-MB89R118A-DI15 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
More results

Similar Description - MB89R118C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
   High-speed RFID LSI FerVID family
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com