Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB82DBS08164D-70L Datasheet(PDF) 13 Page - Fujitsu Component Limited.

Part # MB82DBS08164D-70L
Description  128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DBS08164D-70L Datasheet(HTML) 13 Page - Fujitsu Component Limited.

Back Button MB82DBS08164D-70L Datasheet HTML 9Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 10Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 11Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 12Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 13Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 14Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 15Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 16Page - Fujitsu Component Limited. MB82DBS08164D-70L Datasheet HTML 17Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
MB82DBS08164D-70L
DS05-11454-1E
13
• Latency
Read Latency (RL) is the number of clock cycles between the address being latched and first read data becoming
available during synchronous burst read operation. It is set through CR Set sequence after power-up. Once
specific RL is set through CR Set sequence, write latency, that is the number of clock cycles between address
being latched and first write data being latched, is automatically set to RL-1.
The burst operation is always started after the fixed latency with respect to Read Latency set in CR.
0
RL = 4
RL = 5
12
3
45
6
7
CLK
ADV
CE1
WAIT
DQ
WAIT
DQ
WAIT
DQ
WAIT
DQ
Q3
Q4
D1
D4
D5
Q2
Q3
D2
D1
D3
D4
Q1
D3
D2
Q1
Q2
High-Z
High-Z
High-Z
High-Z
WAIT
DQ
WAIT
DQ
Q1
Q2
D1
D2
D3
High-Z
High-Z
RL = 6
Valid address
[Output]
[Input]
OE or WE
Address
[Output]
[Input]
[Output]
[Input]


Similar Part No. - MB82DBS08164D-70L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70LWT FUJITSU-MB82DBS08164C-70LWT Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82DBS08164D-70L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com