Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYAA009ENIL Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-LYAA009ENIL
Description  POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA009ENIL Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-LYAA009ENIL Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA009ENIL Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
LY (C,R) A ( ) (Y,E,V)
LY (A,P) A ( ) (Y,E,V)
Contact Data Configuration
1 form C (SPDT)
1 form A (SPST-NO)
Construction
Single
Material
Y: AgSnO
2 / E: AgNi / V: AgSnO2 + Au 0.3µm
Resistance (initial)
Y,E:Max.100mΩat6VDC,1A
V:Max.30mΩat6VDC,1A
Contact rating
6A, 250VAC / 24VDC
Max. carrying current
6A
Max. switching voltage
250VAC
Max. switching power
1,500VA / 144W
Min. switching load *
Y, E: 100 mA 5 VDC
V: 10mA 5 VDC
Life
Mechanical
Min. 10 x 106 operations
Electrical
Min. 50 x 103 operations (N.O.)
Min. 30 x 103 operations (N.C.) at 6A, 250VAC / 30VDC
resistive
Coil Data
Rated power
170 to 217 mW
Operate power
74 to 76 mW
Operating temperature range
-40 °C to +85 °C (no frost)
Timing Data
Operate (at nominal voltage)
Max. 8ms (no diode, without bounce)
Release (at nominal voltage)
Max. 4ms (no diode, without bounce)
Insulation
Resistance (initial)
Min.1,000MΩat500VDC
Dielectric strength
Open contacts
1,000VAC (50/60Hz) 1min.,10mA detection current
Contacts to coil
4,000VAC (50/60Hz) 1min.,10mA detection current
Surge strength
Coil to contacts
6,000V / 1.2 x 50µs standard wave
Clearance
8 mm
Creepage
8 mm
EN61810-1, VDE0435
Voltage
250V
Pollution degree
3
Material group
III a
Category
C / 250V
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.0mm
Endurance
10 to 55Hz double amplitude 1.5mm
Shock
Misoperation
Min. 50m/s² (11 ± 1ms)
Min. 100m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 5 g
Sealing
Plastic sealed RTIII
*Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
FTR-LY SERIES


Similar Part No. - FTR-LYAA009ENIL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA005E FUJITSU-FTR-LYAA005E Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA005ESK FUJITSU-FTR-LYAA005ESK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA005V FUJITSU-FTR-LYAA005V Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005V FUJITSU-FTR-LYAA005V Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYAA005VSK FUJITSU-FTR-LYAA005VSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results

Similar Description - FTR-LYAA009ENIL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com