Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSL Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # JSL
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JSL Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  JSL_11 Datasheet HTML 1Page - Fujitsu Component Limited. JSL_11 Datasheet HTML 2Page - Fujitsu Component Limited. JSL_11 Datasheet HTML 3Page - Fujitsu Component Limited. JSL_11 Datasheet HTML 4Page - Fujitsu Component Limited. JSL_11 Datasheet HTML 5Page - Fujitsu Component Limited. JSL_11 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FTR-K1 SERIES
Japan
FujitsuComponentLimited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo 141, Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email:promothq@ft.ed.fujitsu.com
Web:www.fcl.fujitsu.com
North and South America
FujitsuComponentsAmerica,Inc.
250 E. Caribbean Drive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email:components@us.fujitsu.com
Web:http://us.fujitsu.com/components
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan25
2132 WV Hoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email:info@fceu.fujitsu.com
Web:emea.fujitsu.com/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
102EPasirPanjangRoad
#01-01CitilinkWarehouseComplex
Singapore118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2011FujitsuComponentsEuropeB.V.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespectiveowners.
Thecontents,dataandinformationinthisdatasheetareprovidedbyFujitsuComponentLtd.asaserviceonlytoitsuserandonlyforgeneral
informationpurposes.
Theuseofthecontents,dataandinformationprovidedinthisdatasheetisattheusers’ownrisk.
Fujitsuhasassembledthisdatasheetwithcareandwillendeavortokeepthecontents,dataandinformationcorrect,accurate,comprehensive,
completeanduptodate.
FujitsuComponentsEuropeB.V.andaffiliatedcompaniesdohowevernotacceptanyresponsibilityorliabilityontheirbehalf,noronbehalfofits
employees,foranylossordamage,direct,indirectorconsequential,withrespecttothisdatasheet,itscontents,data,andinformationandrelated
graphicsandthecorrectness,reliability,accuracy,comprehensiveness,usefulness,availabilityandcompletenessthereof.
NordoFujitsuComponentsEuropeB.V.andaffiliatedcompaniesacceptontheirbehalf,noronbehalfofitsemployees,anyresponsibilityorliability
foranyrepresentationorwarrantofanykind,expressorimplied,includingwarrantiesofanykindformerchantabilityorfitnessforparticularuse,
withrespecttothesedatasheets,itscontents,data,informationandrelatedgraphicsandthecorrectness,reliability,accuracy,comprehensiveness,
usefulness,availabilityandcompletenessthereof.Rev.March24,2011
JSL SERIES


Similar Part No. - JSL_11

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
JSL11-Y3-1 PANDUIT-JSL11-Y3-1 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
logo
Fujitsu Component Limit...
JSLD12MN-K FUJITSU-JSLD12MN-K Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSLD12N-K FUJITSU-JSLD12N-K Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results

Similar Description - JSL_11

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com