Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-J2 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-J2
Description  POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-J2 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-J2 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-J2 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FTR-K1 SERIES
SPECIFICATION
Item
FTR-J2
Contact
Data
Configuration
2 x 1 form A
Material
Silver alloy
Contact resistant (initial)
Max. 100 mOhm at 1A, 6VDC
Contact rating
10A, 450VDC (resistive load) (+ polarity pin 7 and 4)
* each NO contact connected in series
10A, 200VDC (resistive load) (single contact) +
(polarity pin 7 and 4) * for each NO contact
Overload switching *
10A, 500VDC (resistive load), 50 operations
* each NO contact connected in series
10A, 250VDC (resistive load)
* for each NO contact
Maximum carrying current
12A
Inrush current
Peak 150A
Maximum switching voltage
600VDC, each NO contact connection in series
300VDC, each NO contact
Contact voltage drop (initial)
Typical 0.1V (at nominal contact current)
Life
Mechanical
2M operations
Electrical
10K operations
Coil Data
Operate voltage (at 20 °C)
Maximum 70% of nominal voltage
Release voltage (at 20 °C)
Minimum 5% of nominal voltage
Operating temperature range (no frost)
-40 to +85 °C
Timing Data
Operate (at nominal voltage)
Max. 15ms (without bounce)
Release (at nominal voltage)
Max. 5ms (no diode)
Insulation
Resistance (initial)
Min. 1000MOhm at 500VDC
Dielectric
strength
Between open contacts 1,000VAC (50/60Hz) 1min
Between ontact sets
4,000VAC (50/60Hz) 1min
Between contacts and
coil
1,000 VAC (50/60 Hz) 1 min.
Surge strength
Coil to contacts
10,000V/ 1.2 x 50μs standard wave
Other
Vibration
resistance
Misoperation
10 to 55Hz double amplitude 1.5mm
Endurance
10 to 55Hz double amplitude 1.5mm
Shock
Misoperation
Min. 200m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 26g
Sealing
Flux proof RTII
FTR-J2 SERIES
Note: Use a varistor as a protective circuit against reverse surge connected parallel to the coil. The reverse blocking voltage
should be about 3 times the value of the power source voltage.
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual
load before production since reference values may vary according to switching frequencies, environmental contions
and expected reliability levels.


Similar Part No. - FTR-J2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK006W FUJITSU-FTR-J2AK006W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK006W FUJITSU-FTR-J2AK006W Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK012W FUJITSU-FTR-J2AK012W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
More results

Similar Description - FTR-J2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
   High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
   High Voltage DC Relay
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
   High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
   High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
   High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
   High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
   High Voltage DC Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com