Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-G1 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-G1
Description  COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-G1 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-G1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FTR-K1 SERIES
FTR-G1 SERIES

REFERENCE DATA

COIL RATING
Coil
Code
Rated Coil
Voltage (VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate Voltage
(VDC) *
Must Release Voltage
(VDC) *
Coil Power at
Nominal Voltage
(W)
009
9
126
5.4
0.75
0.64
6.8 (at 85 °C)
010
10
160
6.5
0.8
8.2 (at 85 °C)
012
12
225
7.3
1
9.2 (at 85 °C)
Note: All values in the table are valid for 20°C and zero contact current, unless otherwise indicated.
* Specified operate values are valid for pulse wave voltage.


Similar Part No. - FTR-G1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FTR-G1CN009W1 FUJITSU-FTR-G1CN009W1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FTR-G1CN010W1 FUJITSU-FTR-G1CN010W1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FTR-G1CN012W1 FUJITSU-FTR-G1CN012W1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
More results

Similar Description - FTR-G1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com