Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD-010R008-0E Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FPD-010R008-0E
Description  4-Channel Optical Transceiver Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FPD-010R008-0E Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FPD-010R008-0E Datasheet HTML 1Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 2Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 3Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 4Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 5Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 6Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 7Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 8Page - Fujitsu Component Limited. FPD-010R008-0E Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
o
o--m
miic
cr
ro
oG
GiiG
Ga
aC
CN
N
Data Sheet
Revision 4.2
FUJITSU COMPONENT LIMITED
Page 1 of 13
o-microGiGaCN™
4-Channel Optical Transceiver Module
Part Number:
Module: FPD-010R008-0E
Patch Cord: FOC-CC****
Description
Newly developed optical transceiver module, FUJITSU’s o-microGiGaCN™ series supports electric to
optical interface conversion and provides 3.125 Gbps x 4 channel, bi-directional data transfer. The Electrical
interface is FUJITSU’s industry standard high-speed differential copper connector, microGiGaCN™ that has
been selected by InfiniBand™, 10G Fiber Channel, 10GBASE-CX-4, SAS, and sATA2.
The o-microGiGaCN™ module makes it possible to extend transmission length up to 300m (2.5Gbps) over
fiber optic cable from Industry Standard 4 lane copper cable with Media Detection Circuitry (connector detect
and power supply circuitry) on the customer’s board/host side. The module provides flexibility, allowing the
user to select interface options with the one low cost copper I/O connector on the board. The module provides
a low cost solution for data center requirements.
Features
Converts 4x microGiGaCN™ to 4x optical interface
Optical interface 12-channel MPO connector
Up to 100m links with standard 50/125um MMF ribbon cable at 3.125 Gbps, and up to 300m
at 2.5 Gbps
Reliable, Low cost 850nm VCSEL technology
0 to +70 degree C case temperature operating range
Low power: 0.9 Watts Typical with 3.3V power supply supplied through connector
Hot Pluggable electrical interface
IEC Class 1M laser eye safty compliant


Similar Part No. - FPD-010R008-0E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPD-101R008-0E FUJITSU-FPD-101R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
FPD-102R008-0E FUJITSU-FPD-102R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
More results

Similar Description - FPD-010R008-0E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPD-101R008-0E FUJITSU-FPD-101R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
List of Unclassifed Man...
P5H6RS3727 ETC-P5H6RS3727 Datasheet
265Kb / 5P
   1.25Gbps MM Optical Transceiver Module
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
logo
List of Unclassifed Man...
SDM7101 ETC1-SDM7101 Datasheet
182Kb / 9P
   Technical Specification for Optical Transceiver Module
logo
Finisar Corporation.
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTLC1152RGPL FINISAR-FTLC1152RGPL Datasheet
546Kb / 7P
   100G CWDM4 QSFP28 Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com