Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL09S12F Datasheet(PDF) 1 Page - Superworld Electronics

Part # STL09S12F
Description  2W Single Output Surface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STL09S12F Datasheet(HTML) 1 Page - Superworld Electronics

  STL09S12F Datasheet HTML 1Page - Superworld Electronics STL09S12F Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STL Series Product Datasheet
www.superworld.com.sg
1 of 2
SUPERWORLD ELECTRONICS
FEATURES
2W Power in smaller compact package
Versatile SMD package
2kVdc isolated outputs
Industry standard footprint and size
Operating Temp. Range –40
oC to 85oC
CECC00802 Re-flow (280 deg. C max.)
2 Year Warranty
DESCRIPTION
The STL Series provides 2W of power in a smaller
compact industry standard package, typically used
for 1W products. Its innovative design results in a
high performance solution for a wide range of
applications. The product is fully encapsulated in a
non-flammable plastic case (meeting UL 94V-0)
and is designed to meet EN60950 and UL1950
safety standards. The devices are fully compatible
with CECC00802 to 280 deg. C
STL PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated load)
(mA)
Eff.
(%)
STL03S03F
3.3
3.3
600
741
81
STL03S05F
3.3
5
400
730
83
STL03S09F
3.3
9
224
727
84
STL03S12F
3.3
12
164
702
85
STL03S15F
3.3
15
136
719
86
STL05S03F
5
3.3
600
483
82
STL05S05F
5
5
400
482
83
STL05S09F
5
9
224
480
84
STL05S12F
5
12
164
463
85
STL05S15F
5
15
136
474
86
STL09S03F
9
3.3
600
268
82
STL09S05F
9
5
400
268
83
STL09S09F
9
9
224
267
84
STL09S12F
9
12
164
257
85
STL09S15F
9
15
136
264
86
STL12S03F
12
3.3
600
201
82
STL12S05F
12
5
400
194
86
STL12S09F
12
9
224
195
86
STL12S12F
12
12
164
189
87
STL12S15F
12
15
136
195
87
STL15S03F
15
3.3
600
159
83
STL15S05F
15
5
400
155
86
STL15S09F
15
9
224
156
86
STL15S12F
15
12
164
151
87
STL15S15F
15
15
136
156
87
MECHANICAL
SPECIFICATIONS
Pin
Function
1
GND
3
+Vin
5
NC
7
0V
9
NC
10
NC
12
Vout
14
NC
16
NC
18
NC
All measurements are in mm
Tolerances = ± 0.25mm
STL Series – 2W Single Output Surface
Mount DC-DC Converter


Similar Part No. - STL09S12F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
   Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
   Plug connector cable
More results

Similar Description - STL09S12F

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Mean Well Enterprises C...
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Guangzhou Reicu Electro...
B0505M-2W REICU-B0505M-2W Datasheet
777Kb / 1P
   1000VDC Isolated 2W Single Output DIP-Package
REV:13.2
logo
PEAK electronics GmbH
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10MU-0505E PEAK-P10MU-0505E Datasheet
253Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com