Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB07048R2YZF-15 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPB07048R2YZF-15
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB07048R2YZF-15 Datasheet(HTML) 2 Page - Superworld Electronics

  SPB07048R2YZF-15 Datasheet HTML 1Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 2Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 3Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 4Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 5Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 6Page - Superworld Electronics SPB07048R2YZF-15 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
c) Hi-Pot (N1-N2) : 200Vac / 3mA / 1sec
b) Temp. Rise : 40°C Typ. at Irms
a) L/L0A : 30% Typ. at Isat
PG. 2
d) Operating temp. : -40°C to +125°C
e) Storage temp. : -40°C to +125°C
17.12.2010
f) Resistance to solder heat : 260°C.10secs
6. ELECTRICAL CHARACTERISTICS :
2.20
SPB07042R2YZF-
100.0
82.0
220.0
1000.0
680.0
820.0
470.0
330.0
150.0
SPB07043R3YZF-
22.0
68.0
47.0
33.0
6.80
10.0
15.0
8.20
4.70
3.30
Inductance
Part No.
1.50
0.80
( µH )
Ref.
Test
0.25V/100K
Frequency
( Hz )
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
1.986
101.600
80.950
227.000
1009.000
671.200
812.700
465.300
335.600
150.000
21.730
69.670
49.640
33.010
7.344
9.882
16.090
8.566
5.182
3.396
1.422
0.752
Inductance
( µH )
Ref.
0.0204
0.5736
0.4920
1.2192
5.1840
4.2480
4.6680
2.6520
2.1720
0.8352
0.1272
0.4056
0.2940
0.2052
0.0492
0.0606
0.0948
0.0564
0.0354
0.0258
0.0188
0.0132
RDC
(
)
Max.
6.60
0.96
1.09
0.65
0.31
0.37
0.35
0.46
0.53
0.78
1.95
1.18
1.32
1.60
3.50
3.05
2.40
3.20
4.37
5.20
7.00
10.20
Isat
( A )
4.66
0.75
0.83
0.50
0.24
0.28
0.26
0.35
0.40
0.60
1.75
0.95
1.05
1.30
2.60
2.41
2.00
2.53
3.34
3.94
4.96
5.33
Irms
( A )
Parallel
7.944
406.400
323.800
908.000
4036.000
2685.000
3251.000
1861.000
1342.000
600.000
86.920
278.700
198.600
132.000
29.380
39.530
64.360
34.260
20.730
13.580
5.688
3.008
Inductance
( µH )
Ref.
0.0816
2.2944
1.9680
4.8768
20.7360
16.9920
10.6080
8.6880
3.3408
0.5088
1.6224
1.1760
0.8208
0.1968
0.2424
0.3792
0.2256
0.1416
0.1032
0.0752
0.0528
RDC
(
)
Max.
3.38
0.48
0.55
0.32
0.16
0.175
0.17
0.22
0.25
0.39
1.02
0.59
0.67
0.81
1.75
1.50
1.20
1.58
2.15
2.50
3.80
5.10
Isat
( A )
2.330
0.375
0.415
0.250
0.120
0.140
0.130
0.175
0.200
0.300
0.874
0.475
0.525
0.650
1.300
1.200
1.000
1.270
1.670
1.970
2.480
2.660
Irms
( A )
Series
18.6720
SPB0704102MZF-
Tolerance code : M = ±20%
Y = ±30%
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB0704 SERIES
SPB0704R80YZF-
SPB07041R5YZF-
SPB07044R7YZF-
SPB07046R8YZF-
SPB07048R2YZF-
SPB0704100MZF-
SPB0704150MZF-
SPB0704220MZF-
SPB0704330MZF-
SPB0704470MZF-
SPB0704680MZF-
SPB0704820MZF-
SPB0704101MZF-
SPB0704151MZF-
SPB0704221MZF-
SPB0704331MZF-
SPB0704471MZF-
SPB0704681MZF-
SPB0704821MZF-


Similar Part No. - SPB07048R2YZF-15

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB0703 SUPERWORLD-SPB0703 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-11 SUPERWORLD-SPB0703100MZF-11 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-12 SUPERWORLD-SPB0703100MZF-12 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-13 SUPERWORLD-SPB0703100MZF-13 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
SPB0703100MZF-14 SUPERWORLD-SPB0703100MZF-14 Datasheet
782Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB07048R2YZF-15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com