Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB0703150MZF-11 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPB0703150MZF-11
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB0703150MZF-11 Datasheet(HTML) 2 Page - Superworld Electronics

  SPB0703150MZF-11 Datasheet HTML 1Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 2Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 3Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 4Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 5Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 6Page - Superworld Electronics SPB0703150MZF-11 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
c) Hi-Pot (N1-N2) : 200Vac / 3mA / 1sec
b) Temp. Rise : 40°C Typ. at Irms
a) L/L0A : 30% Typ. at Isat
PG. 2
d) Operating temp. : -40°C to +125°C
e) Storage temp. : -40°C to +125°C
20.07.2011
f) Resistance to solder heat : 260°C.10secs
6. ELECTRICAL CHARACTERISTICS :
2.20
SPB07032R2YZF-
100
82.0
220
1000
680
820
470
330
150
SPB07033R3YZF-
22.0
68.0
47.0
33.0
6.80
10.0
15.0
8.20
4.70
3.30
Inductance
Part No.
1.50
1.00
( µH )
Ref.
Test
0.25V/100K
Frequency
( Hz )
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
2.070
101.4
80.37
223.3
995.0
676.5
821.7
465.8
325.5
150.9
22.65
69.91
48.62
34.41
6.480
10.30
15.01
8.930
4.422
3.540
1.482
0.992
Inductance
( µH )
Ref.
0.0210
0.8352
0.5772
1.6608
9.3492
5.3967
6.0912
3.3504
2.6952
1.5360
0.1620
0.4404
0.3156
0.2300
0.0558
0.0800
0.1099
0.0591
0.0366
0.0283
0.0130
0.0104
RDC
(
)
Max.
5.52
0.79
0.89
0.53
0.25
0.31
0.28
0.37
0.44
0.65
1.67
0.96
1.14
1.35
3.12
2.47
2.05
2.66
3.78
4.22
6.52
7.97
Isat
( A )
4.11
0.63
0.71
0.47
0.19
0.25
0.23
0.34
0.37
0.50
1.62
0.89
1.03
1.31
2.55
2.08
1.83
2.19
3.09
3.31
4.64
5.25
Irms
( A )
Parallel
8.280
405.6
321.5
893.2
3980
2706
3287
1863
1302
603.6
90.60
275.6
194.5
137.6
25.92
41.20
60.04
35.72
17.69
14.16
5.928
3.968
Inductance
( µH )
Ref.
0.0676
3.3912
2.3418
6.7212
37.008
21.297
13.704
10.670
6.0516
0.6528
1.7532
1.2552
0.9180
0.2292
0.3276
0.4380
0.2390
0.1561
0.1148
0.0494
0.0430
RDC
(
)
Max.
2.76
0.39
0.44
0.27
0.13
0.15
0.14
0.18
0.22
0.32
0.83
0.48
0.57
0.68
1.56
1.24
1.03
1.33
1.89
2.11
3.26
3.99
Isat
( A )
2.060
0.312
0.351
0.232
0.093
0.123
0.112
0.168
0.185
0.245
0.811
0.444
0.500
0.653
1.280
1.040
0.916
1.100
1.550
1.660
2.320
2.630
Irms
( A )
Series
24.312
SPB0703102MZF-
Tolerance code : M = ±20%
Y = ±30%
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB0703 SERIES
SPB07031R0YZF-
SPB07031R5YZF-
SPB07034R7YZF-
SPB07036R8YZF-
SPB07038R2YZF-
SPB0703100MZF-
SPB0703150MZF-
SPB0703220MZF-
SPB0703330MZF-
SPB0703470MZF-
SPB0703680MZF-
SPB0703820MZF-
SPB0703101MZF-
SPB0703151MZF-
SPB0703221MZF-
SPB0703331MZF-
SPB0703471MZF-
SPB0703681MZF-
SPB0703821MZF-


Similar Part No. - SPB0703150MZF-11

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB0704 SUPERWORLD-SPB0704 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-11 SUPERWORLD-SPB0704100MZF-11 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-12 SUPERWORLD-SPB0704100MZF-12 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-13 SUPERWORLD-SPB0704100MZF-13 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-14 SUPERWORLD-SPB0704100MZF-14 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB0703150MZF-11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com