Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB12056R8YZF-12 Datasheet(PDF) 7 Page - Superworld Electronics

Part # SPB12056R8YZF-12
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB12056R8YZF-12 Datasheet(HTML) 7 Page - Superworld Electronics

  SPB12056R8YZF-12 Datasheet HTML 1Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 2Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 3Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 4Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 5Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 6Page - Superworld Electronics SPB12056R8YZF-12 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 7
10. UL CARD :
___
4
2
___
___
240
200
1.5
94V-0
220
E400(Y)L , E4008L
E4810
NC , BK
NC , BK
3.0
130
94V-0
130
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
1.5
0.75
3.0
94V-0
94V-0
94V-0
0.30
0.75
3.0
130
130
130
130
130
130
130
130
130
130
130
130
220
130
130
200
10
45
4
130
___
___
___
___
___
___
24
130
___
0
0
1
130
130
130
130
4
4
___
4
___
3
1
130
130
240
4
___
4
___
___
___
05
___
___
___
4
___
___
___
05
___
___
___
4
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
NC , BK
E4008 , E400X
E4010
E4008
NC , BK
NC , WT , BK
Mtl Dsg
Col
130
0.30
94V-0
130
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
1.5
0.30
0.75
3.0
94V-0
94V-0
94V-0
94V-0
1.5
0.75
0.30
3.0
180
220
220
130
220
220
200
130
180
200
130
130
130
130
130
130
130
130
Min
UL94
Flame
mm
Thk
Class
Elec
Mech
with
Imp
RTI
E54705 (M)
___
___
___
130
___
___
___
___
___
___
4
3
220
___
2
3
1
240
130
220
240
4
4
___
4
___
2
3
1
130
130
130
130
4
4
___
4
___
___
___
___
___
05
___
___
___
4
___
05
___
___
4
___
H
T
R
___
V
HH
W
___
I
w/o
Imp
A
I
___
4C
9
5
___
T
I
___
D
Flame returdant epoxy varnish impregnated glass paper tape, Cat. No. 531F+.
Flame returdant alumlnum foil tape, Cat. Nos. 833+, 834+.
polyester film tape, Cat. Nos. 631S°, 632S, rated 130 C.
Flame returdant polyester film tape, Cat. No. 630F°, rated 130 C.
°- Complies with Flame Retardent requirements when so marked.
Mraking: Company name or "E56086" and catalog designation and "Flame Retardent" if applice,
Epoxy varnish impregnated polyester non-woven fabric tape, cat. no. 530F°rated 150 C.
Flame returdant polyester film/epoxy varnish impregnated polyester fiber tape Cat. No. 673F°,
Flame returdant polyester film/epoxy varnish impregnated polyester fiber/polyester film tape,
rated 130 C.
Flame returdant copper foil tape, Cat. No. 831S+.
Flame returdant copper foil tape, Cat. No. 8321+.
Cat. No. 850F°, rated 130 C.
+ - Subjected to Flame Retardant tests only.
bie. brinted on the central paper or outer package.
Flame returdant aramid paper tape, Cat. Nos. 560S+, 561S+, 562S+, rated 200 C.
Flame returdant aramid paper tape, Cat. Nos. 512F+, 560F+, 565S+, 681S+.
4-22 1-CHOME HIROMACHI SHINAGAWA-KU, TOKYO
Flame returdant acetate cloth tape, Cat. Nos. 570F+, 571F+, 573F+.
Flame returdant polyester film tape, Cat. Nos. 680F+, 684F.
Flame returdant epoxy varnish impregnated polyester web tape, Cat. Nos. 530F+.
Flame returdant cotton cloth tape, Cat. Nos. 590F+, 715F+.
Flame returdant polyimide film tape, Cat. No. 650S+, rated 200 C.
Flame returdant tellon tape, Cat. Nos. 841+, 846+.
Flame returdant PVC tape, Cat. Nos. 305F+, 307F+, 380F+.
Flame returdant polyester fiber tape, Cat. Nos. 511F+, 551F+.
Flame returdant glass cloth tape, Cat. No. 54S, rated 200 C.
Flame returdant glass cloth tape, Cat. Nos. 510F+, 540S+, 541F+, 685S+.
JAPAN
TERAOKA SEISAKUSHO CO LTD
E56086 (S)
17.12.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB1205 SERIES


Similar Part No. - SPB12056R8YZF-12

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB1207 SUPERWORLD-SPB1207 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-11 SUPERWORLD-SPB1207100MZF-11 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-20 SUPERWORLD-SPB1207100MZF-20 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-30 SUPERWORLD-SPB1207100MZF-30 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-40 SUPERWORLD-SPB1207100MZF-40 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB12056R8YZF-12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com