Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SML120L16 Datasheet(PDF) 1 Page - Seme LAB

Part No. SML120L16
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML120L16 Datasheet(HTML) 1 Page - Seme LAB

  SML120L16 Datasheet HTML 1Page - Seme LAB SML120L16 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML120L16
6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
1200
16
64
±30
±40
520
4.16
–55 to 150
300
16
50
2500
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 19.53mH, RG = 25W, Peak IL = 16A
VDSS
1200V
ID(cont)
16A
RDS(on) 0.800W
W
W
W
• Faster Switching
• Lower Leakage
• 100% Avalanche Tested
• Popular TO–264 Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G
19.51 (0.768)
26.49 (0.807)
1.80 (0.071)
2.01 (0.079)
4.60 (0.181)
5.21 (0.205)
2.79 (0.110)
3.18 (0.125)
5.45 (0.215) BSC
2 plcs.
0.76 (0.030)
1.30 (0.051)
2.29 (0.090)
2.69 (0.106)
2.59 (0.102)
3.00 (0.118)
0.48 (0.019)
0.84 (0.033)
123
3.10 (0.122)
3.48 (0.137)
TO–264AA Package Outline.
Dimensions in mm (inches)
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn