Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-20F1AL Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SLIN-20F1AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-20F1AL Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SLIN-20F1AL Datasheet HTML 1Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 2Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 3Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 4Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 5Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 6Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 7Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 8Page - Bel Fuse Inc. SLIN-20F1AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Wide Input Voltage Range
Flexible Output Voltage Sequencing
Output Voltage Programmable
Over Temperature Protection
Fixed Switching Frequency
Output Over Current Protection
Remote On/Off
Ability to Sink and Source Current
Remote Sense
Cost Efficient Open Frame Design
Tunable Loop
TM (a registered trademark of Lineage Power Systems) to Optimize Dynamic
output voltage response
Class 1, Category 2, Non-Isolated DC/DC Converter (refer to IPC-9592)
Compliant to RoHS EU Directive 2002/95/EC
UL
* 60950-1 Recognized, CSA
C22.2 No. 60950-1-03 Certified
VDE
0805:2004-09 (EN60950-1) Licensed
Applications
Distributed power architectures
Servers and storage applications
Intermediate bus voltage applications
Networking equipment
Telecommunications equipment
Industrial equipment
Description
The SLIN-20F1Ax series of power modules are non-isolated dc/dc converters that can deliver up to 20A of output
current. These modules operate over a wide range of input voltage (VIN = 2.4Vdc-5.5Vdc) and provide a
precisely regulated output voltage from 0.6Vdc to 3.63Vdc, programmable via an external resistor.
Features
include remote On/Off, adjustable output voltage, over current and over temperature protection, and output
voltage sequencing. A new feature, the Tunable Loop
TM, allows the user to optimize the dynamic response of the
converter to match the load with reduced amount of output capacitance leading to savings on cost and PWB
area
.
Part Selection
Output Voltage
Input Voltage
Max. Output
Current
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
0.6 Vdc - 3.63 Vdc
2.4 Vdc - 5.5 Vdc
20 A
90.8%
SLIN-20F1A0
SLIN-20F1AL
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
S LIN – 20 F 1A 0
1
2
3 4 5 6
1---Surface mount
4--- Wide input voltage range (2.4-5.5V)
2---Series code
5--- Wide output voltage range (0.6-3.63V)
3---Output current (20A)
6--- Enable, active high, change “0” to “L” means active low
SLIN-20F1Ax
RoHS Compliant
Rev.B


Similar Part No. - SLIN-20F1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-20F1AL BEL-SLIN-20F1AL Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLIN-20F1AL BEL-SLIN-20F1AL Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
More results

Similar Description - SLIN-20F1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com