Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-03F2A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SLIN-03F2A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-03F2A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SLIN-03F2A0 Datasheet HTML 1Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 2Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 3Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 4Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 5Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 6Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLIN-03F2A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
3
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /3 A Output
December 10, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
-1.5
-
+1.5
%Vo,set
with 0.5% tolerance for external resistor used to
set output voltage
Output Voltage
-3.0
-
+3.0
%Vo,set
Over all operating input voltage, resistive load,
and temperature conditions until end of life
Adjustment Range
0.6
-
3.63
V
selected by an external resistor
Remote Sense Range
-
-
0.5
V
-
-
0.4
%Vo,set
Line Regulation, VIN=VIN, min to VIN, max
Output Regulation
(for VO ≥ 2.5Vdc)
-
-
10
mV
Load Regulation, IO=IO, min to IO, max
-
-
10
mV
Line Regulation, VIN=VIN, min to VIN, max
Output Regulation
(for VO < 2.5Vdc)
-
-
5
mV
Load Regulation, IO=IO, min to IO, max
Temperature Regulation
-
-
0.4
%Vo,set
Tref=TA, min to TA, max
Ripple and Noise (pk-pk)
-
20
35
mV
Ripple and Noise (rms)
-
15
25
mV
5Hz to 20MHz BW, VIN=VIN, nom and IO=IO, min to
IO, max, Co = 0.1μF // 10 μF ceramic capacitors
Output Current Range
0
-
3
A
Output DC Current Limit
-
-
200
%Io,max
Hiccup Mode
Output Short-Circuit Current
-
0.12
-
A
Vo≤250mV, Hiccup Mode
Output Capacitance
ESR≥ 1 mΩ
ESR≥0.15 mΩ
ESR≥ 10 mΩ
0
0
0
-
-
-
47
1000
3000
uF
uF
uF
Without the Tunable Loop
TM
With the Tunable Loop
TM
With the Tunable Loop
TM
-
2
-
mS
Case 1: On/Off input is enabled and then input
power is applied (delay from instant at which
VIN = VIN, min until Vo =10% of Vo, set)
Turn-On Delay Time
-
2
-
mS
Case 2: Input power is applied for at least one
second and then the On/Off input is enabled
(delay from instant at which Von/Off is enabled
until Vo =10% of Vo, set)
Output voltage Rise time
-
5
-
mS
time for Vo to rise from 10% of Vo, set to 90%
of Vo, set
Output voltage overshoot
-
-
3
%Vo
Vin=Vin, min to Vin, max, Io=Io, max, With or without
maximum external capacitance
Dynamic Load Response
Peak Deviation
-
90
-
mV
V0%~50% of
Max Load
Settling Time
-
20
-
uS
Peak Deviation
-
100
-
mV
V50%~0% of
Max Load
Settling Time
-
20
-
uS
di/dt=10A/us, Vin=5V, Vo=1.5V, Ta=25°C,
Co=0
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-03F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F2A0 BEL-SLIN-03F2A0 Datasheet
1Mb / 26P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SLIN-03F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com