Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC04032R2YZF-44 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SSC04032R2YZF-44
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC04032R2YZF-44 Datasheet(HTML) 1 Page - Superworld Electronics

  SSC04032R2YZF-44 Datasheet HTML 1Page - Superworld Electronics SSC04032R2YZF-44 Datasheet HTML 2Page - Superworld Electronics SSC04032R2YZF-44 Datasheet HTML 3Page - Superworld Electronics SSC04032R2YZF-44 Datasheet HTML 4Page - Superworld Electronics SSC04032R2YZF-44 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S S C 0 4 0 3 1 R 2 Y Z F -
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R2 = 1.2uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
3.00 Max.
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Core : RI Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Terminal : Au+Ni Copper Plate
3. SCHEMATIC :
(e) X, Y, Z : Standard part
(f) F : RoHS Compliant
SSC0403 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.10.2010
4.50 Ref.
DE
F
1.50 Ref.
6.90 Max.
4.70±0.3
4.70±0.3
1.80 Ref.
0.80 Ref.
GH
I
1.70 Ref.
Unit : m/m
b
(e) Adhesive : Epoxy
4.50 Ref.
D'
a
f
c
d
1R2
D
E
A
C
e
g
(f) Adhesive : Epoxy
(g) Ink : Bon Margue
(f)
(g) 11 ~ 99 : Internal controlled number
1.90 Ref.
1.50 Ref.
5.30 Ref.
JK
L
I
G
Tin paste thickness >0.12mm
PCB Pattern
Tin paste thickness <0.12mm
H
K
J
J
(d) Tolerance code : Y = ±30%
(g)


Similar Part No. - SSC04032R2YZF-44

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSC04032R2YZF SUPERWORLD-SSC04032R2YZF Datasheet
397Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SSC04032R2YZF-44

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com