Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIN-03E1AL Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SLIN-03E1AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-03E1AL Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SLIN-03E1AL Datasheet HTML 1Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 2Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 3Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 4Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 5Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 6Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 7Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 8Page - Bel Fuse Inc. SLIN-03E1AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
3
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
December 3, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
-1.5
-
+1.5
%Vo,set
with 0.5% tolerance for external resistor
used to set output voltage
Output Voltage
-3.0
-
+3.0
%Vo,set
Over all operating input voltage, resistive
load, and temperature conditions until end
of life
Adjustment Range
1
0.59
-
5.5
V
selected by an external resistor
Remote Sense Range
-
-
0.5
V
Load Regulation
VO ≥ 2.5V
VO < 2.5V
-
-
-
-
10
5
mV
mV
IO=IO, min to IO, max
Line Regulation
VO ≥ 2.5V
VO < 2.5V
-
-
-
-
0.4
10
%Vo,set
mV
VIN=VIN, min to VIN, max
Temperature Regulation
(-40°C to +85°C)
-
-
0.4
%Vo,set
Ripple and Noise (pk-pk)
-
50
110
mV
Ripple and Noise (rms)
-
20
40
mV
VO ≤ 3.3V, 5Hz to 20MHz BW, VIN=VIN, nom
and IO=IO, min to IO, max Co = 0.1μF // 10 μF
ceramic capacitors
Ripple and Noise (pk-pk)
-
110
135
mV
Ripple and Noise (rms)
-
35
45
mV
VO > 3.3V, 5Hz to 20MHz BW, VIN=VIN, nom
and IO=IO, min to IO, max Co = 0.1μF // 10 μF
ceramic capacitors
Output Current Range
0
-
3
A
in either sink or source mode
Output DC Current Limit
-
200
-
%Io,max
Hiccup Mode
Output Short-Circuit Current
-
300
-
mA
Vo≤250mV, Hiccup Mode
Output Capacitance
2
ESR≥ 1 mΩ
ESR≥0.15 mΩ
ESR≥ 10 mΩ
0
0
0
-
-
-
47
1000
3000
uF
uF
uF
Without the Tunable Loop
TM
With the Tunable Loop
TM
With the Tunable Loop
TM
-
2
-
mS
Case 1: On/Off input is enabled and then
input power is applied (delay from instant
at which VIN = VIN, min until Vo =10% of
Vo, set)
Turn-On Delay Time
-
2
-
mS
Case 2: Input power is applied for at least
one second and then the On/Off input is
enabled (delay from instant at which
Von/Off is enabled until Vo =10% of Vo,
set)
Output voltage Rise time
-
4
-
mS
time for Vo to rise from 10% of Vo, set to
90% of Vo, set
Output voltage overshoot
-
-
3
%Vo,set
Vin=Vin, min to Vin, max, Io=Io, min to Io,
max, With or without maximum external
capacitance


Similar Part No. - SLIN-03E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03E1AL BEL-SLIN-03E1AL Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results

Similar Description - SLIN-03E1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com