Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0805S-72NKF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0805S-72NKF
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805S-72NKF Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0805S-72NKF Datasheet HTML 1Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 2Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 3Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 4Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 5Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 6Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 7Page - Superworld Electronics SCI0805S-72NKF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
22.06.2010
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI0805S SERIES
7.96
1500
K, J, G
SCI0805S-1R5 F
SCI0805S-1R8 F
SCI0805S-2R2 F
SCI0805S-2R7 F
1800
2200
2700
K, J, G
K, J, G
K, J, G
7.96
7.96
7.96
50
470
K, J, G
SCI0805S-R47 F
SCI0805S-R75 F
SCI0805S-R82 F
SCI0805S-1R0 F
SCI0805S-1R2 F
SCI0805S-R56 F
SCI0805S-R62 F
SCI0805S-R68 F
25
750
K, J, G
1200
820
1000
K, J, G
K, J, G
K, J, G
25
25
7.96
680
560
620
K, J, G
K, J, G
K, J, G
25
25
25
100
2.50
170
25
16
7.96
7.96
7.96
16
16
16
80
60
50
150
160
170
2.50
2.70
2.95
375
1.70
220
100
33
50
200
23
50
50
25
23
20
18
200
100
100
50
50
50
23
23
23
340
220
200
2.30
180
180
170
170
2.35
2.50
2.50
210
190
210
1.90
2.20
2.20
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805S-R10 F
SCI0805S-R11 F
SCI0805S-R12 F
SCI0805S-R15 F
150
150
150
100
110
120
150
100
65
50
50
50
1000
920
1100
1200
250
250
500
250
0.460
0.510
0.560
0.480
400
400
400
400
SCI0805S-R24 F
SCI0805S-R25 F
SCI0805S-R33 F
SCI0805S-R39 F
SCI0805S-R18 F
SCI0805S-R22 F
100
240
K, J, G
390
250
330
K, J, G
K, J, G
K, J, G
100
100
100
180
220
K, J, G
K, J, G
100
100
690
250
44
250
250
250
45
48
48
560
680
600
250
250
50
50
850
870
1.00
350
350
310
290
1.00
1.40
1.50
400
400
0.640
0.700
SCI0805S-R20 F
200
K, J, G
100
250
50
860
400
0.660
SCI0805S-R27 F
270
K, J, G
100
250
48
650
350
1.00
SCI0805S-R30 F
300
K, J, G
100
250
48
620
330
1.20
SCI0805S-R36 F
360
K, J, G
100
250
48
580
300
1.45
SCI0805S-R43 F
430
K, J, G
50
100
33
430
230
1.70
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
Tolerance
Available
Part No.
L
( nH )
( MHz )
( MHz )
Min.
Freq
Test
Q
Freq
Q Test
Min.
Max.
Max.
( MHz )
SRF
(
)
DCR
( mA )
IDC


Similar Part No. - SCI0805S-72NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805S-72NF SUPERWORLD-SCI0805S-72NF Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0805S-72NF SUPERWORLD-SCI0805S-72NF Datasheet
225Kb / 5P
   WOREWPIMD CHIP INDUCTORS
More results

Similar Description - SCI0805S-72NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com