Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL1108N-1R0MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDL1108N-1R0MF
Description  HIGH CURRENT POWER INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N-1R0MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDL1108N-1R0MF Datasheet HTML 1Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 2Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 3Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 4Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 5Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 6Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 7Page - Superworld Electronics SDL1108N-1R0MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SDL1108N-1R5MF
HIGH CURRENT POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SDL1108N SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
01.07.2009
DLPI11 08N-1R0M-K01
0.0
0.5
1.0
1.5
2.0
DC CURRENT(A)
SDL1108N-1R0MF
SDL1108N-1R0MF
DL P I11 08 N -1R 2 M
0.0
0.4
0.8
1.2
1.6
2.0
DC CU R RE NT (A )
S DL1108N-1R2M F
DLPI1108N-1R2M
S DL1108N-1R2M F
DLPI1108N-1R5M-K01
0
1
2
3
4
DC CURRENT (A)
SDL1108N-1R5MF
DLPI1108N-R80L
0.0
0.2
0.4
0.6
0.8
1.0
DC CURRENT(A)
SDL1108N-R80LF
DLPI1108N-R80L
DC CURRENT(A)
SDL1108N-R80LF


Similar Part No. - SDL1108N-1R0MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL1108 SUPERWORLD-SDL1108 Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
669Kb / 4P
   High Current POWER INDUCTORS
SDL1108-1R2MF SUPERWORLD-SDL1108-1R2MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R5MF SUPERWORLD-SDL1108-1R5MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
More results

Similar Description - SDL1108N-1R0MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
HC9 EATON-HC9 Datasheet
441Kb / 4P
   High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
   High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
   High current power inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SDL1008P SUPERWORLD-SDL1008P Datasheet
173Kb / 3P
   HIGH CURRENT POWER INDUCTORS
SDL1310 SUPERWORLD-SDL1310 Datasheet
203Kb / 4P
   HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com