Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SML10S75XX Datasheet(PDF) 1 Page - Seme LAB

Part No. SML10S75XX
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML10S75XX Datasheet(HTML) 1 Page - Seme LAB

  SML10S75XX Datasheet HTML 1Page - Seme LAB SML10S75XX Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML10S75XX
5/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDSS
ID
IDM
VGS
VGSM
PD
TJ , TSTG
TL
IAR
EAR
EAS
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Gate – Source Voltage Transient
Total Power Dissipation @ Tcase = 25°C
Derate Linearly
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
Avalanche Current1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 2
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
100
75
300
±20
±30
370
2.96
–55 to 150
300
75
30
1500
V
A
A
V
W
W/°C
°C
A
mJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Starting TJ = 25°C, L = 0.53mH, RG = 25W, Peak IL = 75A
VDSS
100V
ID(cont)
75A
RDS(on) 0.019W
W
W
W
• Faster Switching
• Lower Leakage
• 100% Avalanche Tested
• Surface Mount D3PAK Package
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout.
D
S
G
D3PAK Package Outline.
Dimensions in mm (inches)
15.95 (0.628)
16.05 (0.632)
1.04 (0.041)
1.15 (0.045)
4.98 (0.196)
5.08 (0.200)
1.47 (0.058)
1.57 (0.062)
5.45 (0.215) BSC
2 plcs.
2.67 (0.105)
2.84 (0.112)
1.27 (0.050)
1.40 (0.055)
13.41 (0.528)
13.51 (0.532)
13.79 (0.543)
13.99 (0.551)
13
2
0.46 (0.018)
0.56 (0.022)
3 plcs.
1.22 (0.048)
1.32 (0.052)
1.98 (0.078)
2.08 (0.082)
11.51 (0.453)
11.61 (0.457)
3.81 (0.150)
4.06 (0.160)
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source
Heatsink is Drain.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn