Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0603HC-18NKF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0603HC-18NKF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603HC-18NKF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0603HC-18NKF Datasheet HTML 1Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 2Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 3Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 4Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 5Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 6Page - Superworld Electronics SCI0603HC-18NKF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0603HC SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
Q Test
IDC
DCR
SRF
Q
Test
Tolerance
L
24
35
24
25
38
38
38
42
42
40
35
Min.
250
K, J, G
12
SCI0603HC-12N F
K, J, G
K, J, G
K, J, G
K, J, G
SCI0603HC-24N F
SCI0603HC-15N F
SCI0603HC-22N F
SCI0603HC-18N F
250
24
15
22
18
250
250
250
K, J, G
Available
SCI0603HC-3N9 F
SCI0603HC-7N5 F
SCI0603HC-6N8 F
SCI0603HC-10N F
SCI0603HC-1N6 F
SCI0603HC-3N6 F
Part No.
250
3.9
K, J
6.8
10
7.5
K, J
K, J
250
250
250
K, J
K, J
3.6
1.6
( nH )
250
250
Freq
( MHz )
250
2000
0.075
3000
0.080
0.105
0.099
0.099
250
2400
250
250
250
2800
2400
2800
1800
1900
1800
1900
0.048
0.030
0.054
0.054
0.071
0.059
Max.
( )
250
5900
250
250
250
3700
5800
3700
250
( MHz )
Freq
250
5900
12500
( MHz )
Min.
2200
2100
2000
2100
2300
2400
(mA)
Max.
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%


Similar Part No. - SCI0603HC-18NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0603HC-18NF SUPERWORLD-SCI0603HC-18NF Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI0603HC-18NF SUPERWORLD-SCI0603HC-18NF Datasheet
593Kb / 3P
   WIREWOUND CHIP UNDUCTORS
More results

Similar Description - SCI0603HC-18NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com