Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0805LP-10NKF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0805LP-10NKF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805LP-10NKF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0805LP-10NKF Datasheet HTML 1Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 2Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 3Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 4Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 5Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 6Page - Superworld Electronics SCI0805LP-10NKF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0805LP SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
50
50
50
50
50
50
50
50
50
50
40
40
50
50
50
50
55
55
50
150
100
SCI0805LP-R10 F
K, J, G
K, J, G
K, J, G
SCI0805LP-R15 F
SCI0805LP-R12 F
150
120
150
150
250
22
K, J, G
SCI0805LP-22N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805LP-47N F
SCI0805LP-56N F
SCI0805LP-82N F
SCI0805LP-68N F
SCI0805LP-33N F
SCI0805LP-39N F
SCI0805LP-27N F
47
200
56
82
68
200
150
200
33
39
27
250
250
250
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805LP-12N F
SCI0805LP-15N F
SCI0805LP-18N F
SCI0805LP-10N F
SCI0805LP-8N2 F
SCI0805LP-6N8 F
SCI0805LP-4N7 F
SCI0805LP-3N9 F
15
12
10
18
250
250
250
250
3.9
4.7
6.8
8.2
K, J
K, J
K, J
250
250
250
250
500
400
1200
0.640
0.800
0.680
250
250
1050
1150
300
300
500
800
0.150
2900
0.400
0.390
0.440
0.390
0.280
0.330
0.230
500
2000
500
500
500
1850
1500
1500
500
500
500
2350
2200
2450
600
500
500
500
600
600
600
0.060
0.060
0.080
0.100
0.100
0.080
0.130
0.080
500
750
750
500
2950
3800
3300
3100
1000
1000
1000
1000
5500
6100
5500
4800
800
800
800
800
800
800
800
800
55
SCI0805LP-1N8 F
K
1.8
250
0.030
1500
9400
800
16
K, J, G
SCI0805LP-1R0 F
1000
25
2.000
50
80
220
K, J
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
( nH )
Tolerance
Part No.
Available
L
Freq
( MHz )
Test
Min.
Freq
( MHz )
Q
Q Test
DCR
Max.
( )
( MHz )
Min.
SRF
(mA)
Max.
IDC


Similar Part No. - SCI0805LP-10NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805LP-10NF SUPERWORLD-SCI0805LP-10NF Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI0805LP-10NF SUPERWORLD-SCI0805LP-10NF Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP-10NF SUPERWORLD-SCI0805LP-10NF Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0805LP-10NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com