Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L810HW-R82MF-50 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L810HW-R82MF-50
Description  HIGH CURRENT MOLDED POWER INDUCTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L810HW-R82MF-50 Datasheet(HTML) 5 Page - Superworld Electronics

  L810HW-R82MF-50 Datasheet HTML 1Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 2Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 3Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 4Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 5Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 6Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 7Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 8Page - Superworld Electronics L810HW-R82MF-50 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
25.08.2010
L810HW SERIES
8. CHARACTERISTICS CURVES :
HIGH CURRENT MOLDED POWER INDUCTORS
04
8
12
16
20
DC CURRENT (A)
0
1.2
2.4
3.6
4.8
6
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-3R3
L810HW -3R3MF
L810HW-3R3MF-
04
8
12
16
20
DC CURRENT(A)
0
1.6
3.2
4.8
6.4
8
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-4R7
L810HW-4R7MF
L810HW-4R7MF-
0
2.6
5.2
7.8
10.4
13
DC CURRENT (A)
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-6R8
L810HW-6R8MF
L810HW-6R8MF-
02 .2
4.4
6.6
8.8
11
DC CURRENT(A)
0
3
6
9
12
15
0
10
20
30
40
50
60
70
80
90
100
SMPI1203HW-100
L810HW-100MF
L810HW-100MF-


Similar Part No. - L810HW-R82MF-50

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L810HW-R82MF SUPERWORLD-L810HW-R82MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L810HW-R82MF-50

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
   HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
   Power Inductors - Molded High Current
logo
Superworld Electronics
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
   HIGH CURRENT MOLDED POWER INDUCTORS
L814HW SUPERWORLD-L814HW Datasheet
338Kb / 8P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com