Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0805HQ-2N5KF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SCI0805HQ-2N5KF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805HQ-2N5KF Datasheet(HTML) 4 Page - Superworld Electronics

  SCI0805HQ-2N5KF Datasheet HTML 1Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 2Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 3Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 4Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 5Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 6Page - Superworld Electronics SCI0805HQ-2N5KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Leader End
Peel-off force should be in the range of 0.1N~0.7N at a peel-off speed of 300±10mm/min.
Empty compartments
with cover tape (100mm min.)
SUPERWORLD ELECTRONICS (S) PTE LTD
Dimension (unit: mm)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Peeling Direction
<10
°
Top cover tape
Base tape
Peel-off Force :
Trailer (80mm min.)
SCI0805LP
SCI0805S
SCI0805HQ
SCI1008LP
SCI1008S
SCI1008HQ
Leader/Trailer Tape :
Trailer End
8
8
4
2.70
2.70
4
2.80
3.5
2.80
3.5
2
1.75
1.75
2
4
1.80
8
8
8
2.70
4
1.85
4
8
Series
A
1.85
4
BC
2
1.75
2.30
3.5
2.80
3.5
2.30
3.5
1.75
2
1.75
2
2.30
3.5
DE
1.75
2
FG
G±0.05
C±0.1
B±0.1
4±0.1
Embossed Carrier Tape :
Ø1.5
PG. 4
22.06.2010
Cover tape only
(250mm min.)
2.00
0.23
1.50
0.23
2000pcs / reel
2000pcs / reel
2000pcs / reel
0.90
0.23
2.00
0.23
1.45
0.23
2000pcs / reel
2000pcs / reel
1.45
0.23
HJ
2000pcs / reel
Qty
H±0.05
Ø1.5
J±0.05
SCI0805HQ SERIES
WIREWOUND CHIP INDUCTORS


Similar Part No. - SCI0805HQ-2N5KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805HQ-2N5F SUPERWORLD-SCI0805HQ-2N5F Datasheet
255Kb / 6P
   WIREWOUND CHIP INDUCTORS
SCI0805HQ-2N5F SUPERWORLD-SCI0805HQ-2N5F Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0805HQ-2N5KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com