Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-60TV5L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RCY-60TV5L
Description  ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60TV5L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RCY-60TV5L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60TV5L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2 Vdc - 3.3 Vdc/15 A, 5 Vdc/12 A, 12 Vdc/5 A Output, 1/8 Brick
Nov. 22, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Ripple and Noise (rms)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
25
25
15
12
10
10
10
50
50
30
25
20
20
20
mV
mV
mV
mV
mV
mV
mV
Ripple and Noise (pk-pk)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
100
95
55
55
45
45
45
130
120
80
80
70
70
70
mV
mV
mV
mV
mV
mV
mV
Test conditions: Vin=48 V, Ta=25
C, with a 1uF ceramic capacitor
and a 10 uF Tantalum capacitor at
the output.
Turn on Time
-
15
30
mS
Overshoot at Turn on
-
0
5
%
Output Capacitance
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
0
0
0
0
0
0
0
-
-
-
-
-
-
-
1000
10000
15000
15000
15000
15000
15000
uF
Transient Response
Overshoot
-
300
400
mV
25% ~ 50%
Max Load
Settling Time
-
400
500
uS
Overshoot
-
300
400
mV
50% ~ 25%
Max Load
Settling Time
VO=
12.0 V
-
400
500
uS
Overshoot
-
200
230
mV
25% ~ 50%
Max Load
Settling Time
-
300
400
uS
Overshoot
-
200
230
mV
50% ~ 25%
Max Load
Settling Time
VO=
5.0 V
-
300
400
uS
Overshoot
-
150
200
mV
25% ~ 50%
Max Load
Settling Time
-
200
250
uS
Overshoot
-
150
200
mV
50% ~ 25%
Max Load
Settling Time
VO=
1.2 V
- 3.3 V
-
200
250
uS
Test conditions:
di/dt = 0.1 A/uS, Vin=48 V, with a 1
uF ceramic capacitor and a 10 uF
Tantalum capacitor at the output.
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - 0RCY-60TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60TV5L BEL-0RCY-60TV5L Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RCY-60TV5L BEL-0RCY-60TV5L Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60TV5L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com