Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-60T02L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RCY-60T02L
Description  ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60T02L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RCY-60T02L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60T02L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2 Vdc - 3.3 Vdc/15 A, 5 Vdc/12 A, 12 Vdc/5 A Output, 1/8 Brick
Nov. 22, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
11.760
4.925
3.250
2.463
1.773
1.478
1.182
12.0
5.0
3.3
2.5
1.8
1.5
1.2
12.240
5.075
3.350
2.538
1.827
1.523
1.218
V
V
V
V
V
V
V
Vin=48 V, Io=50% full load,
Ta=25
C.
Line Regulation
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
24
5
3
3
3
3
3
48
10
7
7
7
7
7
mV
mV
mV
mV
mV
mV
mV
Load Regulation
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
-
-
-
-
-
-
-
30
10
7
6
5
5
5
60
20
15
12
10
10
10
mV
mV
mV
mV
mV
mV
mV
Regulation Over Temperature
(-40
C to +85 C)
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
VO=1.2 V
-
-
-
-
-
-
-
60
45
30
25
20
15
12
100
75
50
40
30
25
20
mV
mV
mV
mV
mV
mV
mV
Output Current
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
0
0
0
0
0
0
0
-
-
-
-
-
-
-
5
12
15
15
15
15
15
A
A
A
A
A
A
A
Current Limit Threshold
VO=12.0 V
VO=5.0 V
Vo=3.3 V
VO=2.5 V
VO=1.8 V
Vo=1.5 V
Vo=1.2 V
5.5
13.5
16
16
16
16
16
6.5
16
18
18
18
18
18
8
19
20
20
20
20
20
A
A
A
A
A
A
A
Short Circuit Surge Transient
-
3
5
A
2s


Similar Part No. - 0RCY-60T02L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T02L BEL-0RCY-60T02L Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RCY-60T02L BEL-0RCY-60T02L Datasheet
440Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60T02L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com