Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-50T127 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-50T127
Description  ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-50T127 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-50T127 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-50T127 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input
12 Vdc /6 A Output
May 17, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Over Temperature Protection
High Efficiency
OCP/SCP
High Power Density
Low Cost
Fixed Frequency (330 kHz)
Output Voltage Trim
Input Under-Voltage Lockout
Positive/Negative Remote Sense
Output Over-Voltage Shutdown
Basic Insulation
Pre-bias Start Up
Remote On/Off
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCY-50T12x is isolated dc/dc converter that operates from a wide input range (36 Vdc - 75 Vdc). This unit
will provide up to 72 W of output power. The unit is designed to be highly efficient and low cost. Features include
remote on/off, over current protection, over voltage shut down, over temperature protection and under-voltage
lockout. This converter is provided in an industry standard 1/8 brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12 Vdc
36 Vdc - 75 Vdc
6 A
72 W
92%
0RCY-50T12L
0RCY-50T120
Note: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R CY – 50 T 12 x
1 2
3
4
5
6
7
1---Through hole mount
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name
4---Series code
5---Input range (36-75V)
6---Output voltage (12V)
7---Option, “x” of the model part number to be 0-9, A-Z, which will represent the special request of
customer.
0RCY-50T12x
RoHS Compliant
Rev.E


Similar Part No. - 0RCY-50T127

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-50T120 BEL-0RCY-50T120 Datasheet
185Kb / 7P
   ISOLATED DC/DC CONVERTERS
0RCY-50T12L BEL-0RCY-50T12L Datasheet
185Kb / 7P
   ISOLATED DC/DC CONVERTERS
0RCY-50T12X BEL-0RCY-50T12X Datasheet
185Kb / 7P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-50T127

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com