Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB1608470MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # PDB1608470MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1608470MZF Datasheet(HTML) 4 Page - Superworld Electronics

  PDB1608470MZF Datasheet HTML 1Page - Superworld Electronics PDB1608470MZF Datasheet HTML 2Page - Superworld Electronics PDB1608470MZF Datasheet HTML 3Page - Superworld Electronics PDB1608470MZF Datasheet HTML 4Page - Superworld Electronics PDB1608470MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SMD POWER INDUCTORS
PDB1608 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
11.05.2010
Qty (pcs)
12000
Outer Carton
Qty (pcs)
6000
2000
3
PDB1608
SERIES
Qty
Reel
Reel
6
345x340x70
Size (mm)
Inner Carton
Reel
7.5±0.1
( 3 ) Q'TY & G.W. PER PACKAGE
13-16
STYLE
1.75±0.1
EF
2.0±0.1
P2
4.0±0.1
16.0±0.3
Po
W
( 2 ) DIMENSIONS
4.55±0.1
Po
8.0±0.1
P2
1.5
±0
.1
A
STYLE
13-16
16.5
A
8. PACKAGING INFORMATION :
B
( 1 ) CONFIGURATION
360x350x156
Size (mm)
3.2±0.1
0.35±0.05
100
2.3
BC
330
D


Similar Part No. - PDB1608470MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1608470MZF SUPERWORLD-PDB1608470MZF Datasheet
448Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - PDB1608470MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com