Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3490N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3490N
Description  N-Channel Enhancement Mode Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3490N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3490N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT3490N
N-Channel Enhancement Mode Mos.FET
1.2 A, 150 V, RDS(ON) 700 m
Elektronische Bauelemente
25-Aug-2010 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
1
-
3.5
V
VDS=VGS, ID= 250uA
Gate-Body Leakage
IGSS
-
-
±100
uA
VDS= 0V, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
uA
VDS= 120V, VGS= 0V
-
-
10
VDS= 120V, VGS= 0V, TJ= 55°C
On-State Drain Current
a
ID(on)
10
-
-
A
VDS = 5V, VGS= 10V
Drain-Source On-Resistance
a
RDS(ON)
-
-
700
mΩ
VGS= 10V, ID= 1.2A
-
-
1200
VGS= 4.5V, ID= 1A
Forward Transconductance
a
gfs
-
11
-
S
VDS= 15V, ID= 1.2A
Diode Forward Voltage
a
VSD
-
0.8
-
V
IS= 1.25A, VGS= 0V
DYNAMIC
b
Total Gate Charge
Qg
-
2.5
-
nC
VDS= 10V, VGS= 4.5V,
ID= 1A
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
0.8
-
Turn-on Delay Time
Td(on)
-
5
-
nS
VDD= 10V, VGEN= 10V,
RL= 10, ID= 1A, RGEN= 6
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
6
-
Fall Time
Tf
-
4
-
Input Capacitance
Ciss
-
320
-
pF
VDS= 15V, VGS= 0V,
f= 1MHz
Output Capacitance
Coss
-
37
-
Reverse Transfer Capacitance
Crss
-
20
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3490N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3490N VBSEMI-STT3490N Datasheet
458Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3490N SECOS-STT3490N_15 Datasheet
637Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3490N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2342N SECOS-SMG2342N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398NE SECOS-SMG2398NE Datasheet
145Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com