Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3490N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3490N
Description  N-Channel Enhancement Mode Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3490N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3490N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3490N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT3490N
N-Channel Enhancement Mode Mos.FET
1.2 A, 150 V, RDS(ON) 700 m
Elektronische Bauelemente
25-Aug-2010 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
KEY FEATURES
Low RDS(on) trench technology.
Low thermal impedance.
Fast switching speed.
TYPICAL APPLICATIONS
White LED boost converters.
Automotive Systems
Industrial DC/DC Conversion Circuits
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (m
ID(A)
150
700@VGS= 10V
1.2
1200@VGS= 4.5V
1
ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
Maximum
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA= 25°C
ID
1.2
A
TA= 70°C
1
Pulsed Drain Current
b
IDM
±10
A
Continuous Source Current (Diode Conduction)
a
IS
2.5
A
Power Dissipation
a
TA= 25°C
PD
2
W
TA= 70°C
1.3
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Unit
Maximum Junction to Ambient
a
t ≦ 10 sec
RJA
62.5
°C / W
Steady State
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
D
G
D
D
D
S


Similar Part No. - STT3490N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3490N VBSEMI-STT3490N Datasheet
458Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3490N SECOS-STT3490N_15 Datasheet
637Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3490N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2342N SECOS-SMG2342N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398NE SECOS-SMG2398NE Datasheet
145Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com