Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3434N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3434N
Description  N-Channel Enhancement Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3434N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3434N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3434N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STT3434N
6 A, 30 V, RDS(ON) 32 m
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
30-Dec-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
0.7
-
1.5
V
VDS=VGS, ID= 250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS= 24V, VGS= 0V
-
-
10
VDS= 24V, VGS= 0V, TJ= 55°C
On-State Drain Current
1
ID(on)
10
-
-
A
VDS = 5V, VGS= 4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
32
mΩ
VGS= 4.5V, ID= 6.0A
-
-
44
VGS= 2.5V, ID= 5.0A
Forward Transconductance
1
gfs
-
11.3
-
S
VDS= 10V, ID= 4.0A
Diode Forward Voltage
VSD
-
0.75
-
V
IS= 1.6A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
6
-
nC
VDS= 10V, VGS= 4.5V,
ID= 4.0A
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
1.5
-
Turn-on Delay Time
Td(on)
-
8
-
nS
VDD= 10V, VGEN= 4.5V,
RL= 15, ID= 1A
Rise Time
Tr
-
24
-
Turn-off Delay Time
Td(off)
-
35
-
Fall Time
Tf
-
10
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3434N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3434N VBSEMI-STT3434N Datasheet
487Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3434N SECOS-STT3434N_15 Datasheet
190Kb / 2P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - STT3434N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com