Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1645-T254 Datasheet(PDF) 1 Page - Seme LAB

Part # SBR1645-T254
Description  DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SBR1645-T254 Datasheet(HTML) 1 Page - Seme LAB

  SBR1645-T254 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
IF(AV)
Average rectified Forward Current (TC = 125°C)
IFRM
Peak Repetitive Forward Current (TC = 125°C)
TFSM
Nonrepetitive Peak Surge Current
IRRM
Peak Repetitive Reverse Surge Current
RqJC
Thermal Resistance, Junction to Case
16A
32A
150A
10A
2°C/W
SBR1645-T254
LAB
SEME
Prelim. 2/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
45V
45V
MECHANICAL DATA
Dimensions in mm
123
13.59 (0.535)
13.84 (0.545)
3.53 (0.139)
3.78 (0.149)
Dia.
6.32 (0.249)
6.60 (0.260)
1.02 (0.040)
1.27 (0.050)
3.81 (0.150)
BSC
0.89 (0.035)
1.14 (0.045)
3.81 (0.150)
BSC
DUAL SCHOTTKY
BARRIER RECTIFIER
IN A TO254
HERMETICALLY
SEALED PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC TO254 METAL PACKAGE
• ISOLATED CASE
• 16A, 45V
• COMMON CATHODE
• MILITARY OPTIONS AVAILABLE
TO–254METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
MBR1645
Pin 1– Anode 1
Pin 2 – Cathode
Pin 3 – Anode 2
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage(1)
IR
Reverse Current
IF = 16A
TC = 125°C
IF = 16A
TC = 25°C
VR = VRRM
TC = 125°C
VR = VRRM
TC = 25°C
0.57
0.63
40
0.2
V
mA
ELECTRICAL CHARACTERISTICS (Per Diode)
(1)Pulse Test: Pulse Width = 300
ms. Duty Cycle £ 2.0%


Similar Part No. - SBR1645-T254

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SBR1645-T254 NJSEMI-SBR1645-T254 Datasheet
82Kb / 1P
   HERMETIC TO254 METAL PACKAGE
More results

Similar Description - SBR1645-T254

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB60-600 SEME-LAB-SB60-600 Datasheet
9Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO-258 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-100MSMD SEME-LAB-SB30-100MSMD Datasheet
25Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
BYV29-300M SEME-LAB-BYV29-300M_04 Datasheet
26Kb / 2P
   HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100SMD SEME-LAB-SB16-100SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com