Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1085IG-12 Datasheet(PDF) 2 Page - Seme LAB

Part # LT1085IG-12
Description  3 AMP POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1085IG-12 Datasheet(HTML) 2 Page - Seme LAB

  LT1085IG-12 Datasheet HTML 1Page - Seme LAB LT1085IG-12 Datasheet HTML 2Page - Seme LAB LT1085IG-12 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
LT1085GMD
LT1085IGDII
LT1085SMD
VO 4
Output Voltage
VREF 4
Reference Voltage
REG(LINE) 4
Line Regulation
REG(LOAD) 4 Load Regulation
VD
Dropout Voltage
ICL
Current Limit
IQ
Quiescent Current
REG(THERM) Thermal Regulation
IPIN
Adjust Pin Current
DIPIN
Adjust Pin Current Change
TS
Temperature Stability
IO
Minimum Load Current
VN
RMS Output Noise 5
RA
Ripple Rejection Ratio 6
VIN – VOUT = 6.3V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 8V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 15V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = VO + 3V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 1.5 to 15V
TJ = 25°C
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 1.5 to 35V
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 3V
TJ = 25°C
VIN – VOUT = 3V
TJ = Over Temp 3
DVOUT , DVREF = 1%
TJ = Over Temp 3
VIN – VOUT = 5V
TJ = Over Temp 3
VIN – VOUT = 25V
TJ = Over Temp 3
VIN – VOUT = 35V
TJ = Over Temp 3
tp = 30ms
TJ = 25°C
TJ = 25°C
TJ = Over Temp 3
TJ = Over Temp 3
VIN – VOUT = 5V
IO = 0.5A
TJ = Over Temp 3
VIN – VOUT = 25V
IO = 0.5A
TJ = Over Temp 3
TJ = 25°C
VIN – VOUT = 3V
IO = 3A
TJ = Over Temp 3
3.267
3.3
3.333
3.234
3.3
3.366
4.95
5
5.05
4.90
5
5.10
11.88
12
12.12
11.76
12
12.24
1.238
1.25
1.262
1.225
1.25
1.270
0.015
0.2
0.035
0.05
0.6
0.1
0.3
0.2
0.4
1.3
1.5
3.2
4.0
0.2
0.5
10
0.002
0.01
55
120
0.2
5
0.5
510
0.003
60
75
3.3
5
12
ADJ.
Output
Parameter
Voltage Test Conditions 1,2
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS
(TJ = 25°C Unless otherwise stated)
V
V
%
%
%
V
A
mA
% / W
mA
mA
%
mA
%VO
dB
Notes
1.
Test Conditions unless otherwise stated:
VIN = 1.5 to 35V, or Maximum Input, whichever is less.
IO = 10mA to 3A.
2.
These specifications are only applicable for power dissipations of 30 Watts over a limited range of VIN – VOUT.
3.
Over Temp. = Over specified Junction Temperature Range (See Absolute Maximum Ratings).
4.
Low duty cycle pulse test with Kelvin connections required. Changes in output voltage are covered under the specification
for thermal regulation.
5.
Bandwidth of 10Hz to 10kHz.
6.
120Hz input ripple, 15V = 64dB min. COUT (CADJ) = 25mF.


Similar Part No. - LT1085IG-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085IM LINER-LT1085IM Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1085IM-3.6 LINEAR-LT1085IM-3.6 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IM-3.6 LINER-LT1085IM-3.6 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085IG-12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com