Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4825PE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4825PE
Description  P-Channel Mode Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4825PE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4825PE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4825PE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSG4825PE
-11.5 A, 30 V, RDS(ON) 13 m
P-Channel Mode Power MOSFET
31-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low RDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
ID @ TA = 25°C
-11.5
A
Continuous Drain Current
1
ID @ TA = 70°C
-9.3
A
Pulsed Drain Current
2
IDM
±50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
PD @ TA = 25°C
3.1
W
Total Power Dissipation
1
PD @ TA = 70°C
2.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-Case (Max.)
1
t ≦ 5 sec
RθJC
25
°C / W
Thermal Resistance Junction-Ambient (Max.)
1
t ≦ 5 sec
RθJA
50
°C / W
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
D
D
S
S
G
S
D
D
ESD
Protection
Diode
3KV


Similar Part No. - SSG4825PE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4825PE SECOS-SSG4825PE_15 Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
More results

Similar Description - SSG4825PE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4825P SECOS-SSG4825P_15 Datasheet
700Kb / 4P
   P-Channel Mode Power MOSFET
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
SSG4825PE SECOS-SSG4825PE_15 Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
SSG4825P SECOS-SSG4825P Datasheet
700Kb / 4P
   P-Channel Mode Power MOSFET
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com