Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4639STM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4639STM
Description  P-Ch Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4639STM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4639STM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4639STM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4639STM Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4639STM Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4639STM Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSG4639STM
P-Ch Enhancement Mode Power MOSFET
-14 A, -30 V, RDS(ON) 8.5 m
Elektronische Bauelemente
13-May-2010 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0V, ID=250μA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS= -24V, VGS=0V
Gate-Body Leakage Current
IGSS
-
-
±10
μA
VGS=±20V, VDS=0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-0.8
-1.7
-2.0
V
VDS= VGS, ID=-250μA
Drain-Source On-State Resistance
RDS(ON)
-
7
8.5
mΩ
VGS=-10V, ID=-14A
-
9.8
13
VGS=-4.5V, ID=-11.3A
Forward Transconductance
gfs
-
32
-
S
VDS=-10V, ID=-14A
DYNAMIC CHARACTERISTICS
C
Input Capacitance
CISS
-
4049
-
pF
VDS=-15V, VGS=0V, f=1.0MHz
Output Capacitance
COSS
-
641
-
Reverse Transfer Capacitance
CRSS
-
351
-
SWITCHING CHARACTERISTICS
C
Turn-On Delay Time
Td(on)
-
24
-
nS
VDD=-15V
ID=-1A
VGS=-10V
RGEN=3Ω
Rise Time
Tr
-
68
-
Turn-Off Delay Time
Td(off)
-
484
-
Fall Time
Tf
-
188
-
Total Gate Charge
Qg
-
95
-
nC
VDS=-15V, ID=-14A, VGS=-10V
-
40
-
VDS=-15V, ID=-14A, VGS=-4.5V
Gate-Source Charge
Qgs
-
6
-
VDS=-15V, ID=-14A, VGS=-10V
Gate-Drain Charge
Qgd
-
23
-
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Maximum Continuius Drain-Source
Diode Forward Current
IS
-
-
-2.0
A
Diode Forward Voltage
b
VSD
-
-0.7
-1.2
V
VGS=0V, IS=-2.0A
Notes
a.
Surface Mounted on FR4 Board, t ≦ 10 sec.
b.
Pulse Test:Pulse Width ≦ 300 μs, Duty Cycle ≦ 2%.
c.
Guaranteed by design, not subject to production testing.
d.
Starting TJ=25°C, L=3.0mH, VDD=30V, VGS=10V. (See Figure13)


Similar Part No. - SSG4639STM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4224 SECOS-SSG4224 Datasheet
684Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4224 SECOS-SSG4224_15 Datasheet
684Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG4228 DOINGTER-SSG4228 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSG4228 VBSEMI-SSG4228 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSG4639STM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04J SECOS-SSD40P04J Datasheet
313Kb / 3P
   P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03 Datasheet
449Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com