Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4390N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4390N
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4390N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4390N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4390N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4390N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4390N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4390N
1.9A, 150V, RDS(ON) 625m
N-Ch Enhancement Mode Power MOSFET
09-Mar-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide
low RDS(on) and to ensure minimal power loss and
heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
1.9
Continuous Drain Current
1
TA = 70°C
ID
1.5
A
Pulsed Drain Current
2
IDM
10
A
Continuous Source Current (Diode Conduction)
1
IS
3.6
A
TA = 25°C
3.1
Total Power Dissipation
1
TA = 70°C
PD
2.2
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
t ≦ 10 sec
40
°C / W
Maximum Junction to Ambient
1
Steady State
RθJA
80
°C / W
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
S
S
S
D
D
D
D


Similar Part No. - SSG4390N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4390N VBSEMI-SSG4390N Datasheet
1Mb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4390N SECOS-SSG4390N_15 Datasheet
474Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4390N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com