Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23325UFVZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL23325UFVZ
Description  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325UFVZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL23325UFVZ Datasheet HTML 2Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 3Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 4Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 5Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 6Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 7Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 8Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 9Page - Intersil Corporation ISL23325UFVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL23325
6
FN7870.0
June 21, 2011
Roffset
(Note 16)
Offset, Wiper at 0 Position
W option; VCC = 2.7V to 5.5V
0
3
5.5
MI
(Note 15)
W option; VCC = 1.7V
6.3
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
0
0.5
2
MI
(Note 15)
U, T option; VCC = 1.7V
1.1
MI
(Note 15)
Rmatch
(Note 23)
DCP to DCP Matching
Any two DCPs at the same tap position
with the same terminal voltages
-2
2
LSB
(Note 9)
TCR
(Note 19)
Resistance Temperature Coefficient
W option; Wiper register set between
32 hex and FF hex
170
ppm/°C
U option; Wiper register set between
32 hex and FF hex
80
ppm/°C
T option; Wiper register set between
32 hex and FF hex
50
ppm/°C
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCL = 400kHz (for I2C active read and
write)
200
µA
VLOGIC = 1.2V, VCC = 1.7V,
fSCL = 400kHz (for I2C active read and
write)
5
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
18
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.5
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1.2
µA
ILOGIC
SHDN
VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.5
µA
ICC SHDN VCC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1.2
µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SDA, SCL
Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA


Similar Part No. - ISL23325UFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23325UFVZ INTERSIL-ISL23325UFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325UFVZ RENESAS-ISL23325UFVZ Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23325UFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com