Electronic Components Datasheet Search |
|
ISL78228 Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL78228 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 18 page 1 Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator ISL78228 The ISL78228 is a high efficiency, dual synchronous step-down DC/DC regulator that can deliver up to 800mA continuous output current per channel. The supply voltage range of 2.75V to 5.5V allows for the use of a 3.3V or 5V input. The current mode control architecture enables very low duty cycle operation at high frequency with fast transient response and excellent loop stability. The ISL78228 operates above the AM radio band as well as the 2.25MHz switching frequency, allowing for the use of small, low cost inductors and capacitors. Each channel is optimized for generating an output voltage as low as 0.6V. The ISL78228 has a user configurable mode of operation-forced PWM mode and PFM/PWM mode. The forced PWM mode operation reduces noise and RF interference while the PFM mode operation provides high efficiency by reducing switching losses at light loads. In PFM mode of operation, both channels draw a total quiescent current of only 30µA, hence enabling high light load efficiency in order to maximize battery life. The ISL78228 offers a 1ms Power-Good (PG) to monitor both outputs at power-up. When shutdown, ISL78228 discharges the outputs capacitor. Other features include internal digital soft-start, enable for power sequence, overcurrent protection, and thermal shutdown. The ISL78228 is offered in a 3mmx3mm 10 Ld DFN package with 1mm maximum height. The complete converter occupies less than 1.8cm2 area. The ISL78228 is both AEC - Q100 rated and fully TS16949 compliant. The ISL78228 is rated for the automotive temperature range (-40°C to +105°C). Features • Internal Current Mode Compensation • 100% Maximum Duty Cycle for Lowest Dropout • Selectable Forced PWM Mode and PFM Mode • External Synchronization up to 4MHz • Start-up with Pre-biased Output • Soft-Stop Output Discharge During Disabled • Internal Digital Soft-Start - 2ms • Power-Good (PG) Output with 1ms Delay • TS16949 Compliant • AEC - Q100 Tested • Pb-free (RoHS Compliant) Applications • DC/DC POL Modules •µC/µP, FPGA and DSP Power • Rear Camera Systems • Navigation Systems •Infotainment Systems FIGURE 1. EFFICIENCY CHARACTERISTICS CURVE OUTPUT LOAD (A) 40 50 60 70 80 90 100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.5VOUT-PFM 1.8VOUT-PFM 2.5VOUT-PWM 1.8VOUT-PWM VIN = 5V May 2, 2011 FN7849.0 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2011. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. |
Similar Part No. - ISL78228 |
|
Similar Description - ISL78228 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |