Electronic Components Datasheet Search |
|
SSE90N06-15P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SSE90N06-15P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 4 page SSE90N06-15P 90 A, 60 V, RDS(ON) 10.5 m N-Channel Enhancement Mode Mos.FET Elektronische Bauelemente 29-Nov-2010 Rev. A Page 1 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen and lead-free DESCRIPTION These miniature surface mount MOSFETs utilize High Cell Density trench process to provide low RDS(on) and to ensure minimal power loss and heat dissipation. Typical applications are DC-DC converters and power management in portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones. TYPICAL APPLICATIONS Low RDS(on) Provides Higher Efficiency and Extends Battery Life. Low Thermal impedance copper leadframe TO-220P saves board space. Fast Switch speed. High performance trench technology. PRODUCT SUMMARY SSE90N06-15P VDS(V) RDS(on) (m ID(A) 60 10.5@VGS= 10V 90 1 13@VGS= 4.5V ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED) Parameter Symbol Ratings Unit Maximum Drain-Source Voltage VDS 60 V Gate-Source Voltage VGS ±20 V Continuous Drain Current 1 TC= 25°C ID 90 A Pulsed Drain Current 2 IDM 240 A Continuous Source Current (Diode Conduction) a IS 90 A Power Dissipation 1 TC= 25°C PD 300 W Operating Junction and Storage Temperature Range Tj, Tstg -55 ~ 175 °C THERMAL RESISTANCE RATINGS Parameter Symbol Maximum Unit Maximum Junction to Ambient 1 RJA 62.5 °C / W Maximum Junction to Case RJC 0.5 Notes 1 Package Limited. 2 Pulse width limited by maximum junction temperature. G1 S3 D2 N-Channel REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 7.90 8.10 N 0.75 0.95 B 9.45 9.65 O 0.66 0.86 C 9.87 10.47 P 13.50 14.50 D - 11.50 Q 2.44 3.44 E 1.06 1.46 R 3.50 3.70 F 2.60 3.00 S 1.15 1.45 G 6.30 6.70 T 4.30 4.70 H 8.35 8.75 U - 2.7 J1.60 Typ. V 1.89 3.09 K 1.10 1.30 W 0.40 0.60 L 1.17 1.37 X 2.60 3.60 M- 1.50 TO-220P Dimensions in millimeters I F M Q Q U V B R T S P X K 2 3 1 C A D E G H J L N O W |
Similar Part No. - SSE90N06-15P |
|
Similar Description - SSE90N06-15P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |