Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1085K-3.3 Datasheet(PDF) 1 Page - Seme LAB

Part # LT1085K-3.3
Description  3 AMP POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1085K-3.3 Datasheet(HTML) 1 Page - Seme LAB

  LT1085K-3.3 Datasheet HTML 1Page - Seme LAB LT1085K-3.3 Datasheet HTML 2Page - Seme LAB LT1085K-3.3 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
LT1085GMD
LT1085IGDII
LT1085SMD
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
DEVICE(1)
PACKAGE
LT1085K–XX
TO–3
LT1085G–XX
TO–257
LT1085IG–XX
Isolated TO–257
LT1085SMD–XX
SMD1
DESCRIPTION
The LT1085 voltage regulators are monolithic inte-
grated circuits designed for use in applications
requiring a well regulated positive output voltage
with
low
input-output
differential
voltage.
Features include full power usage of up to 3A load current, internal current limiting and thermal shutdown. Safe area
protection on the die is also included, providing protection of the series pass Darlington transistor under most conditions.
The hermetically sealed TO–3 packages are utilised for high reliablitiy and low thermal resistance, whilst the SMD1
package is designed for surface mount applications.
Note
1) –XX = Voltage Option: 3.3, 5 or 12
–XX = Left blank for Adjustable Option.
3 AMP POSITIVE
VOLTAGE REGULATOR
VIN
Input – Output Voltage Differential
PD
Power Dissipation
RqJC
Thermal Resistance Junction To Case
TO–3
Control
TO–3
Power
RqJC
Thermal Resistance Junction To Case
SMD1
Control
SMD1
Power
RqJC
Thermal Resistance Junction To Case
TO–257
Control
TO–257
Power
TJ
Operating Junction Temperature Range
Control
Power
TSTG
Storage Temperature Range
TLEAD Lead Temperature (for 10 sec.)
35V
Internally limited *
0.93°C / W
3.0°C / W
0.79°C / W
4.0°C / W
0.79°C / W
4.0°C / W
–55 to 150°C
–55 to 200°C
–65 to 150°C
300°C
FEATURES
• Low Dropout Performance
• Fixed or Adjustable Voltages
• Fixed Output Voltages of 3.3V, 5V & 12V
• Adjustable Output Voltage Range From 1.2V
• Line Regulation 0.015% / V Typical.
• Load Regulation 0.01% Typical.
• Available in Hermetically Sealed TO–3, SMD1 and
TO–257 (isolated & non-isolated) Packages.
• Military Temperature Range (–55 to +150°C)
INPUT
SAFE AREA
PROTECT ION
TH E R M AL
O V ER L O AD
CU RR EN T
LIMITING
AMPLIFIER
VOL T AGE
REGUL ATION
AMPLIFIER
OU TPUT
ADJUST
LIMIT
SEN SE
V
RE F
* These ratings are only applicable for power dissipations of 30 Watts over a limited range of VIN – VOUT.


Similar Part No. - LT1085K-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085 LINER-LT1085 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
Linear Technology
LT1085 LINER-LT1085 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results

Similar Description - LT1085K-3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com