Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD50P06-15D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD50P06-15D
Description  P-Ch Enhancement Mode Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD50P06-15D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD50P06-15D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD50P06-15D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSD50P06-15D
61A, -60V, RDS(ON) 17mΩ
P-Ch Enhancement Mode Power MOSFET
20-Dec-2010 Rev.B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
VDS= VGS, ID = -250 μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= ±20V
-
-
-1
VDS= -48V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-10
μA
VDS= -48V, VGS=0V, TJ=55°C
On-State Drain Current
1
ID(on)
-20
-
-
A
VDS = -5V, VGS= -10V
-
-
17
VGS= -10V, ID= -45A
Drain-Source On-Resistance
1
RDS(ON)
-
-
23
mΩ
VGS= -4.5V, ID= -39A
Forward Transconductance
1
gfs
-
8
-
S
VDS= -15V, ID= -45A
Diode Forward Voltage
VSD
-
-
-1.2
V
IS= -2.5 A, VGS= 0 V
Dynamic
2
Total Gate Charge
Qg
-
46
-
Gate-Source Charge
Qgs
-
18
-
Gate-Drain Charge
Qgd
-
41
-
nC
VDS = -30 V
VGS = -4.5 V
ID = -45 A
Turn-on Delay Time
Td(on)
-
20
-
Rise Time
Tr
-
20
-
Turn-off Delay Time
Td(off)
-
205
-
Fall Time
Tf
-
90
-
nS
VDD= -30 V
ID= -1 A
VGEN = -10 V
RL= 30 
RG= 6 
Notes:
1.
Pulse test:Pulse width ≦ 300 μs, duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - SSD50P06-15D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD50P06 SECOS-SSD50P06_15 Datasheet
532Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD50P06-15D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04J SECOS-SSD40P04J Datasheet
313Kb / 3P
   P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03 Datasheet
449Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com