Electronic Components Datasheet Search |
|
T1503N Datasheet(PDF) 1 Page - eupec GmbH |
|
T1503N Datasheet(HTML) 1 Page - eupec GmbH |
1 / 8 page N Netz-Thyristor Phase Control Thyristor Datenblatt / Data sheet T1503N BIP AM / SM PB, 2001-10-18, Przybilla J. / Keller 1/8 Seite/page Kenndaten Elektrische Eigenschaften Elektrische Eigenschaften / Electrical properties Höchstzulässige Werte / Maximum rated values Periodische Rückwärts-Spitzensperrspannung repetitive peak and reverse voltages Tvj = -40°C... Tvj max VRRM 7500 8000 V V Periodische Rückwärts-Spitzensperrspannung repetitive peak reverse voltages Tvj = 0°C... Tvj max VRRM 7700 8200 V V Durchlaßstrom-Grenzeffektivwert maximum RMS on-state current ITRMSM 3900 A Dauergrenzstrom average on-state current TC = 85 °C TC = 60 °C ITAVM 1770 2490 A A Stoßstrom-Grenzwert surge current Tvj = 25 °C, tP = 10 ms Tvj = Tvj max, tP = 10 ms ITSM 57000 55000 A A Grenzlastintegral I²t-value Tvj = 25 °C, tP = 10 ms Tvj = Tvj max, tP = 10 ms I²t 16250 15125 10³ A²s 10³ A²s Kritische Stromsteilheit critical rate of rise of on-state current DIN IEC 60747-6 f = 50 Hz, PLM = 40mW, trise = 0,5µs (diT/dt)cr 300 A/µs Kritische Spannungssteilheit critical rate of rise of off-state voltage Tvj = Tvj max, vD = 0,67 VDRM 5.Kennbuchstabe / 5 th letter H (dvD/dt)cr 2000 V/µs Charakteristische Werte / Characteristic values Schutzzündspannung (statisch) Protective break over voltage Tvj = 25°C … Tvj max Typischer Degradationsfaktor ist 0,16%/K für Tvj = 0°C..25°C Typical de-rating factor of 0,16%/K is applicable for Tvj = 0°C..25°C VBO min. 7500 V Durchlaßspannung on-state voltage Tvj = Tvj max , iT = 4000A, vD = 150V vT typ. max. 2,8 3,0 V V Schleusenspannung threshold voltage Tvj = Tvj max V(TO) typ. max. 1,20 1,24 V V Ersatzwiderstand slope resistance Tvj = Tvj max rT typ. max. 0,4 0,44 mΩ mΩ A 0,616 B 0,000219 C 0,0342 typ. D 0,0161 A -0,0864 B 0,000343 C 0,2021 Durchlaßkennlinie on-state characteristic Tvj = Tvj max max. D 0,000614 minimale Zündlichtleistung minimum gate trigger light power Tvj = 25°C, vD = 150V PLM max. 40 mW Haltestrom holding current Tvj = 25°C IH max. 100 mA Einraststrom latching current Tvj = 25°C, vD = 150V, PLM = 40mW, trise = 0,5µs IL max. 1 A Rückwärts-Sperrstrom reverse blocking current Tvj = Tvj max vR = VRRM iR max. 600 mA Zündverzug gate controlled delay time DIN IEC 60747-6 Tvj = 25 °C, vD = 1000V , PLM = 40mW, trise = 0,5µs tgd max. 5 µs prepared by: C. Schneider date of publication: 2005-04-15 approved by: J. Przybilla revision: 6 T T T T i D ) 1 i ( Ln C i B A v ⋅ + + ⋅ + ⋅ + = |
Similar Part No. - T1503N |
|
Similar Description - T1503N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |