Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND260N Datasheet(PDF) 5 Page - eupec GmbH

Part # ND260N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

ND260N Datasheet(HTML) 5 Page - eupec GmbH

  ND260N Datasheet HTML 1Page - eupec GmbH ND260N Datasheet HTML 2Page - eupec GmbH ND260N Datasheet HTML 3Page - eupec GmbH ND260N Datasheet HTML 4Page - eupec GmbH ND260N Datasheet HTML 5Page - eupec GmbH ND260N Datasheet HTML 6Page - eupec GmbH ND260N Datasheet HTML 7Page - eupec GmbH ND260N Datasheet HTML 8Page - eupec GmbH ND260N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
ND260N
BIP AC / 87-09-25, K.Spec
A20/87
5/9
Seite/page
R,Tau_Glieder des Kühlers
Natürliche Kühlung / Natural cooling
3 Module pro Kühler / x modules per heatsink
Kühler / Heatsink type: KM17 (60W)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
23456
7
Rthn [°C/W]
0,0205
0,07905
1,535
τ
n [s]
2,04
36,4
1340
Verstärkte Kühlung / Forced cooling
3 Module pro Kühler / x modules per heatsink
Kühler / Heatsink type: KM17 (Papst 4650)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
23456
7
Rthn [°C/W]
0,015
0,08
0,475
τ
n [s]
4,11
40,4
458
Analytische Funktion / Analytical function:
S
=
t
max
n
n=1
thn
thCA
n
– t
- e
1
R
Z


Similar Part No. - ND260N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
More results

Similar Description - ND260N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com