Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61852LIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL61852LIRZ
Description  Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61852LIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL61852LIRZ Datasheet HTML 7Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 8Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 9Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 10Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 11Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 12Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 13Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 14Page - Intersil Corporation ISL61852LIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL6185
11
FN6937.1
June 27, 2011
FIGURE 7. 1.5A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 8. 1.8A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 9. LIMITING CURRENT ±3 SIGMA, VIN = 5V
FIGURE 10. LIMITING CURRENT ±3 SIGMA, VIN = 5V
FIGURE 11. LIMITING CURRENT ±3 SIGMA, VIN = 5V
FIGURE 12. LIMITING CURRENT ±3 SIGMA, VIN = 5V
Typical Performance Curves (Continued)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-25
0
25457585
115
TEMPERATURE (°C)
3.3V ITRIP
5V ISC
3.3V ILIM
3.3V ISC
5V ITRIP
5V ILIM
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40
-25
0
25457585
115
TEMPERATURE (°C)
3.3V ITRIP
3.3V ILIM
3.3V ISC
5V ITRIP
5V ILIM
5V ISC
0.50
0.55
0.60
0.65
0.70
0.75
-40
-25
0
25457585
115
TEMPERATURE (°C)
+3 SIGMA
TYPICAL
-3 SIGMA
0.6A CONTINUOUS IOUT VERSION
1.00
1.05
1.10
1.15
1.20
1.25
-40
-25
0
25457585
115
TEMPERATURE (°C)
+3 SIGMA
TYPICAL
-3 SIGMA
1.1A CONTINUOUS IOUT VERSION
1.35
1.40
1.45
1.50
1.55
1.60
1.65
-40
-25
0
25457585
115
TEMPERATURE (°C)
+3 SIGMA
TYPICAL
-3 SIGMA
1.5A CONTINUOUS IOUT VERSION
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
-40
-25
0
25457585
115
TEMPERATURE (°C)
+3 SIGMA
TYPICAL
-3 SIGMA
1.8A CONTINUOUS IOUT VERSION


Similar Part No. - ISL61852LIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61852LIRZ INTERSIL-ISL61852LIRZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61852LIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com