Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS450R12KE3 Datasheet(PDF) 3 Page - eupec GmbH

Part # FS450R12KE3
Description  EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS450R12KE3 Datasheet(HTML) 3 Page - eupec GmbH

  FS450R12KE3 Datasheet HTML 1Page - eupec GmbH FS450R12KE3 Datasheet HTML 2Page - eupec GmbH FS450R12KE3 Datasheet HTML 3Page - eupec GmbH FS450R12KE3 Datasheet HTML 4Page - eupec GmbH FS450R12KE3 Datasheet HTML 5Page - eupec GmbH FS450R12KE3 Datasheet HTML 6Page - eupec GmbH FS450R12KE3 Datasheet HTML 7Page - eupec GmbH FS450R12KE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technische Information / technical information
FS450R12KE3
IGBT-Module
IGBT-modules
!"
Modul / module
5
< T
'
'
&4 +
Q=4 + "
.t1uv
4
$.
T
5
; kwx
#
$
'
#
$
#T $V
G
$
#
$
#
$ G
"94
X
$
#
$
#T $V
G
$
#
$
#
$ G
" 4
. '
=
#
C '
'
$ '
H
-(5
y
!
!
H!
c
'
'
C
4
$
G
d>JIDR + "
GW `#Y G deURJIR + "
GW `#Y
DL/f
4
#G
$
XI/0
Q
' C
4
;
T
-
4
(/ +
,-4
&
G
C
//z{00z
"4"
P
QV
=
' &
H
a
4
-
G 5
4
$ -
()* 8J_
"
,-
(
&
C
'
4
-
G 5
4
$ -
()* 7|
9
"
,-
X '
'
(IDe
9
"
,-
; = '
!
!
'
'
'
}
&
' '
! 'T '
;
$
j
C
'
'
4
:4
j
; = '
!
$ ! ;
T
}
&
G
C
:
4
:4
j
B C
C '
B
A"
'


Similar Part No. - FS450R12KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS450R12KE3 INFINEON-FS450R12KE3 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
More results

Similar Description - FS450R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS225R12KE3 EUPEC-FS225R12KE3_05 Datasheet
342Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF450R12ME3 INFINEON-FF450R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FF225R12ME3 INFINEON-FF225R12ME3 Datasheet
298Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com