Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS100R12KE3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS100R12KE3
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS100R12KE3 Datasheet(HTML) 2 Page - eupec GmbH

  FS100R12KE3 Datasheet HTML 1Page - eupec GmbH FS100R12KE3 Datasheet HTML 2Page - eupec GmbH FS100R12KE3 Datasheet HTML 3Page - eupec GmbH FS100R12KE3 Datasheet HTML 4Page - eupec GmbH FS100R12KE3 Datasheet HTML 5Page - eupec GmbH FS100R12KE3 Datasheet HTML 6Page - eupec GmbH FS100R12KE3 Datasheet HTML 7Page - eupec GmbH FS100R12KE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS100R12KE3
IGBT-Module
IGBT-modules
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
9
1
$
$
%&' ( )*+
,<<=
,
0
$
1
#
0+
?
3c
8
9
1
#
?
: (
#
3c<=
8
>
$
3d
,< (
,; : (
# ; %&' (
)*+
3d
L)
8d
Charakteristische Werte / characteristic values
#
# E
0
1
$
?
$
3c (
8; ,B. (
,; %&' ( )*+
3c (
8; ,B. (
,; %&' (
)*+
,c
; )
; )
; )
,
,
#
3c (
8;
cD
(
8DM
,< (
,; ,B. (
) ,; %&' ( )*+
,< (
,; ,B. (
) ,; %&' (
)*+
3<=
7
8
8
T$
$
$
1 $
3c (
8;
cD
(
8DM
,< (
,; ,B. (
) ,; %&' ( )*+
,< (
,; ,B. (
) ,; %&' (
)*+
KS
;
;
M+
M+
8
1
$
9
$
3c (
8;
cD
(
8DM
,< (
,; ,B. (
) ,; %&' ( )*+
,< (
,; ,B. (
) ,; %&' (
)*+
"SQe
);
L;
#[
#[
3
AF # ?
1 #
; `
0
@Jb-
;72
!DA
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
#
# E
f
?
%- ( )*+
gh
);
O
8 ?
1
$
ijj
ijj
%- (
*+;
ijj ( 7L O
k D
)
)l
,
$
?
%- ( )*+
9gh
;
#A
a A
a
g (
gh E maghnhjU D%g
DU L2; )!WWo
aghnhj
I)
!


Similar Part No. - FS100R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS100R12KE3 EUPEC-FS100R12KE3 Datasheet
159Kb / 8P
   Technische Information / technical information
More results

Similar Description - FS100R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com