Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS30R06XE3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS30R06XE3
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS30R06XE3 Datasheet(HTML) 2 Page - eupec GmbH

  FS30R06XE3 Datasheet HTML 1Page - eupec GmbH FS30R06XE3 Datasheet HTML 2Page - eupec GmbH FS30R06XE3 Datasheet HTML 3Page - eupec GmbH FS30R06XE3 Datasheet HTML 4Page - eupec GmbH FS30R06XE3 Datasheet HTML 5Page - eupec GmbH FS30R06XE3 Datasheet HTML 6Page - eupec GmbH FS30R06XE3 Datasheet HTML 7Page - eupec GmbH FS30R06XE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS30R06XE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
"
7
#$% &
'(
)99:
-
)
.
!
.(
<
1f
5
6
"
7
!
<
8 &
!
1f9:
-
6
;
7
1g
)9 &
)/ 8 &
! / #$% &
'(
)9 &
)/ 8 &
! / #$% &
'(
1g
I /
F /
6g
6g
Charakteristische Werte / characteristic values
!
! B
.
<
1f & 5 6/ )?+ &
)
1f & 5 6/ )?+ &
)
1f & 5 6/ )?+ &
)
)f
/-
/
/
/
)
)
)
#$% &
'(
#$% &
'(
#$% &
'(
R
!
7
1f & 5 6/
fA
&
6AK
)9 & 5
)
)?+ &
)
19:
HH/
HI/
/
6
6
6
#$% &
'(
#$% &
'(
#$% &
'(
"
7T
1f & 5 6/
fA
&
6AK
)9 & 5
)
)?+ &
)
JS
/
/
/
K(
K(
K(
#$% &
'(
#$% &
'(
#$% &
'(
6
1f & 5 6/
fA
&
6AK
)9 & 5
)
)?+ &
)
SPh
/5
/
/-
![
![
![
#$% &
'(
#$% &
'(
#$% &
'(
1
>C ! <
!
/ _
.
=Ga*
/I
/
A>
b
>C ! <
!
/
.
A
c8ED=P &
>AU!^ W A
cdSPEDP &
>AU!^ W
=G*e
/F
A>
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
!
! B
i
<
#* &
'(
jk
/
M
6 <
lmm
lmm
#* &
'(/
lmm & HI5 M
n A
o
)
<
#* &
'(
jk
/
!>
` >
`
j &
jk B p`jkqkmU A#j
AU IF/
WWr
`jkqkm
550


Similar Part No. - FS30R06XE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
More results

Similar Description - FS30R06XE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com