Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21070CIH320Z-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL21070CIH320Z-TK
Description  25關A Micropower Voltage References Low Power Standby Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH320Z-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL21070CIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ISL21070
8
FN7599.2
July 1, 2011
Board Mounting Considerations
For applications requiring the highest accuracy, board mounting
location should be reviewed. Placing the device in areas subject to
slight twisting can cause degradation of the accuracy of the
reference voltage due to die stresses. It is normally best to place the
device near the edge of a board, or the shortest side, as the axis of
bending is most limited at that location. Obviously, mounting the
device on flexprint or extremely thin PC material will likewise cause
loss of reference accuracy.
Board Assembly Considerations
FGA references provide high accuracy and low temperature drift
but some PC board assembly precautions are necessary. Normal
Output voltage shifts of 100μV to 1mV can be expected with Pb-
free reflow profiles or wave solder on multi-layer FR4 PC boards.
Precautions should be taken to avoid excessive heat or extended
exposure to high reflow or wave solder temperatures, this may
reduce device initial accuracy.
Post-assembly x-ray inspection may also lead to permanent changes in
device output voltage and should be minimized or avoided. If x-ray
inspection is required, it is advisable to monitor the reference output
voltage to verify excessive shift has not occurred. If large amounts of
shift are observed, it is best to add an X-ray shield consisting of thin zinc
(300μm) sheeting to allow clear imaging, yet block x-ray energy that
affects the FGA reference.
Special Applications Considerations
In addition to post-assembly examination, there are also other X-
ray sources that may affect the FGA reference long term
accuracy. Airport screening machines contain X-rays and will
have a cumulative effect on the voltage reference output
accuracy. Carry-on luggage screening uses low level X-rays and is
not a major source of output voltage shift, however, if a product is
expected to pass through that type of screening over 100 times,
it may need to consider shielding with copper or aluminum.
Checked luggage X-rays are higher intensity and can cause
output voltage shift in much fewer passes, thus devices expected
to go through those machines should definitely consider
shielding. Note that just two layers of 1/2 ounce copper planes
will reduce the received dose by over 90%. The leadframe for the
device which is on the bottom also provides similar shielding.
If a device is expected to pass through luggage X-ray machines
numerous times, it is advised to mount a 2-layer (minimum) PC
board on the top, and along with a ground plane underneath will
effectively shield it from 50 to 100 passes through the machine.
Since these machines vary in X-ray dose delivered, it is difficult to
produce an accurate maximum pass recommendation.
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is
typically 30μVP-P. The noise measurement is made with a
bandpass filter made of a 1 pole high-pass filter with a corner
frequency at 0.1Hz and a 2-pole low-pass filter with a corner
frequency at 12.6Hz to create a filter with a 9.9Hz bandwidth.
Wideband noise is reduced by adding capacitor to the output, but
the value should be limited to 1nF or less to insure stability.
Temperature Drift
The limits stated for output accuracy over-temperature are
governed by the method of measurement. For the -40°C to 85°C
temperature range, measurements are made at +25°C and the
two extremes. This measurement method combined with the
fact that FGA references have a fairly linear temperature drift
characteristic insures that the limits stated will not be exceeded
over the temperature range.
ISL21070 Used as a Low Cost Precision
Current Source
Using an N-JET and the ISL21070, a precision, low cost, high
impedance current source can be created. The precision of the
current source is largely dependent on the tempco and accuracy
of the reference. The current setting resistor contributes less than
20% of the error.
FIGURE 17. ISL21070 USED AS A LOW COST PRECISION CURRENT
SOURCE
+8V TO 28V
0.01μF
VIN
VOUT
1kΩ
RSET
0.1%
10ppm/°C
ISY ~ 11μA
IL AT 0.1% ACCURACY
~2.5011mA
ISL21070-2.5
ZOUT > 100MΩ
ISET
VOUT
ISET =
RSET
IL = ISET + IRSET
VOUT = 2.5V
GND


Similar Part No. - ISL21070CIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Similar Description - ISL21070CIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com