Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6328 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6328
Description  Dual PWM Controller For Powering AMD SVI Split-Plane Processors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6328 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6328 Datasheet HTML 2Page - Intersil Corporation ISL6328 Datasheet HTML 3Page - Intersil Corporation ISL6328 Datasheet HTML 4Page - Intersil Corporation ISL6328 Datasheet HTML 5Page - Intersil Corporation ISL6328 Datasheet HTML 6Page - Intersil Corporation ISL6328 Datasheet HTML 7Page - Intersil Corporation ISL6328 Datasheet HTML 8Page - Intersil Corporation ISL6328 Datasheet HTML 9Page - Intersil Corporation ISL6328 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ISL6328
6
FN7621.1
June 7, 2011
OCP
10
A capacitor from this pin to ground determines the time that the regulator is allowed to service a load
current spike that exceeds the internal OCP trip point.
TCOMP1, TCOMP2
11, 12
These two pins are used to compensate the inductor current sensing for fluctuations due to
temperature.
RGND
13
Inverting input to the Core and Northbridge regulator precision differential remote-sense amplifiers. This
pin should be connected to the remote ground sense pin of the processor core, VSS_SENSE.
VSEN
14
Non-inverting input to the Core regulator precision differential remote-sense amplifier. This pin should be
connected to the remote Core sense pin of the processor, VDD_SENSE.
FB_PSI
15
In PSI mode this pin is internally shorted to the FB pin to augment the feedback compensation network
for the lower phase count.
FB
16
Inverting input to the internal error amplifier for the Core regulator.
COMP
17
Output of the internal error amplifier for the Core regulator.
FS
18
This is a dual function pin. A resistor, placed from FS to either Ground or VCC sets the switching
frequency of both controllers. Refer to Equation 1 for proper resistor calculation.
This pin also controls the SVID high and low trip thresholds.
APA
19
Allows for programming of the Auto Phase Alignment threshold. A resistor in parallel with a capacitor
to ground is used to set this threshold.
ISENn+, ISENn-,
ISEN_NB+, ISEN_NB-
20, 21, 22,
23, 43, 44,
45, 46, 47,
48
These pins are used for differentially sensing the corresponding channel output currents. The sensed
currents are used for channel balancing, protection, and core load line regulation.
Connect ISEN- to the node between the RC sense elements surrounding the inductor of the respective
channel. Tie the ISEN+ pin to the other end of the sense capacitor through a resistor, RISEN. The voltage
across the sense capacitor is proportional to the inductor current. The sense current, therefore, is
proportional to the inductor current and scaled by the DCR of the inductor and RISEN.
PHASE1,
PHASE2
33,
24
Connect these pins to the sources of the corresponding upper MOSFETs. These pins are the return path
for the upper MOSFET drives.
GND
49
Bias and reference ground for the IC. The GND connection for the ISL6328 is made with three pins and
through the thermal pad on the bottom of the package.
EN
25
This pin is a threshold-sensitive (approximately 0.85V) system enable input for the controller. Held low, this
pin disables both CORE and NB controller operation. Pulled high, the pin enables both controllers for
operation.
A second function of this pin is to provide driver bias monitor for external drivers. A resistor divider with the
center tap connected to this pin from the drive bias supply prevents enabling the controller before
insufficient bias is provided to external driver. The resistors should be selected such that when the POR-trip
point of the external driver is reached, the voltage at this pin meets the above mentioned threshold level.
UGATE1, UGATE2
32, 26
Connect this pin to the corresponding upper MOSFET gate. This pin provides the PWM-controlled gate
drive for the upper MOSFET and is monitored for shoot-through prevention purposes.
BOOT1, BOOT2
31, 27
This pin provides the bias voltage for the corresponding upper MOSFET drive. Connect this pin to
appropriately-chosen external bootstrap capacitor. The internal bootstrap diode connected to the PVCC
pin provides the necessary bootstrap charge.
LGATE1, LGATE2
30, 28
Connect this pin to the corresponding MOSFET’s gate. This pin provides the PWM-controlled gate drive
for the lower MOSFET. This pin is also monitored by the adaptive shoot-through protection circuitry to
determine when the lower MOSFET has turned off.
GVOT
29
The power supply pin for the multi-phase internal MOSFET drivers. In normal operation, this pin is
shorted to the PVCC pin. While in PSI mode, this pin is tied to the output of the internal LDO for Gate
Drive Voltage Optimization. Decouple this pin with a quality 2.2
μF ceramic capacitor.
VDDPWRGD
34
During normal operation this pin indicates whether both output voltages are within specified overvoltage
and undervoltage limits. If either output voltage exceeds these limits or a reset event occurs (such as an
overcurrent event), the pin is pulled low. This pin is always low prior to the end of soft-start.
Functional Pin Descriptions (Continued)
PIN NAME
PIN NUMBER
DESCRIPTION
(EQ. 1)
RT
10
10.61 1.035
fs
()
log
[]
=


Similar Part No. - ISL6328

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328ACRZ RENESAS-ISL6328ACRZ Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328CRZ RENESAS-ISL6328CRZ Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328IRZ RENESAS-ISL6328IRZ Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
More results

Similar Description - ISL6328

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
   Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Intersil Corporation
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com